Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1817 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM1817
Description  Evaluation board with STM32F091VC MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1817 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM1817 Datasheet HTML 7Page - STMicroelectronics UM1817 Datasheet HTML 8Page - STMicroelectronics UM1817 Datasheet HTML 9Page - STMicroelectronics UM1817 Datasheet HTML 10Page - STMicroelectronics UM1817 Datasheet HTML 11Page - STMicroelectronics UM1817 Datasheet HTML 12Page - STMicroelectronics UM1817 Datasheet HTML 13Page - STMicroelectronics UM1817 Datasheet HTML 14Page - STMicroelectronics UM1817 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
DocID026902 Rev 3
11/58
UM1817
Hardware layout and configuration
57
2.1
Embedded ST-LINK/V2-1
The ST-LINK/V2-1 programming and debugging tool is integrated on the STM32091C-EVAL
evaluation board. Compared to ST-LINK/V2 the changes are listed below.
The new features supported on ST-LINK/V2-1 are:
•
USB software re-enumeration
•
Virtual COM port interface on USB
•
Mass storage interface on USB
•
USB power management request for more than 100 mA power on USB
This feature is no more supported on ST-LINK/V2-1:
•
SWIM interface
For all general information concerning debugging and programming features common
between V2 and V2-1 refer to the ST-LINK/V2 in-circuit debugger/programmer for STM8
and STM32ST-LINK/V2 User manual (UM1075).
Note:
It is possible to power the board via CN12 (Embedded ST-LINK/V2-1 USB connector) even
if an external tools is connected to CN10 (High density SWD connector) or CN11 (SWD
connector).
2.1.1
Drivers
The ST-LINK/V2-1 requires a dedicated USB driver, which can be found at the www.st.com
website for Windows® 7 and 8. On Windows® XP the ST-LINK/V2-1 driver requires WinUsb
to be installed before using the ST-LINK/V2-1 (either available from Microsoft website or
included in the USB driver for ST-LINK/V2 for XP).
In case the STM32091C-EVAL evaluation board is connected to the PC before the driver is
installed, some STM32091C-EVAL interfaces may be declared as “Unknown” in the PC
device manager. In this case the user must install the driver files, and update the driver of
the connected device from the device manager.
Note:
Prefer using the “USB Composite Device” handle for a full recovery.
Figure 5. USB Composite Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com