Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1817 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM1817
Description  Evaluation board with STM32F091VC MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1817 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM1817 Datasheet HTML 18Page - STMicroelectronics UM1817 Datasheet HTML 19Page - STMicroelectronics UM1817 Datasheet HTML 20Page - STMicroelectronics UM1817 Datasheet HTML 21Page - STMicroelectronics UM1817 Datasheet HTML 22Page - STMicroelectronics UM1817 Datasheet HTML 23Page - STMicroelectronics UM1817 Datasheet HTML 24Page - STMicroelectronics UM1817 Datasheet HTML 25Page - STMicroelectronics UM1817 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
Hardware layout and configuration
UM1817
22/58
DocID026902 Rev 3
Note:
The temperature result measured from STLM75M2F would be a little higher than the
ambient temperature due to the power dissipation of the components on the board.
2.14
Smartcard
STMicroelectronics smartcard interface chip ST8024L is used on the STM32091C-EVAL
evaluation board for asynchronous 1.8 V, 3 V and 5 V smartcards. It performs all supply
protection and control functions based on the connections with the STM32F091VCT6 listed
in Table 14.
Smartcard operates correctly when VDD > 2.7 V.
2.15
CAN
STM32091C-EVAL evaluation board supports one channel of CAN2.0A/B compliant CAN
bus communication based on 3.3 V CAN transceiver. The high-speed mode, standby mode
and slope-control mode are available and selectable by setting JP3 (see Table 15).
Table 13. Temperature sensor or related solder bridge
Solder Bridge
Description
SB1
I2C address A0 is 0 when SB1 is open
(Default setting)
I2C address A0 is 1 when SB1 is closed.
Table 14. Connection between ST8024L and STM32F091VCT6
Signals of ST8024L
Description
Connect to STM32F091VCT6
5 V/3 V
smartcard power supply
selection pin
PC2
I/OUC
STM32 data I/O line
PA2
XTAL1
Crystal or external clock input
PD7
OFF
Detect presence of a card,
Interrupt to MCU
PC3
RSTIN
Card Reset Input from MCU
PA3
CMDVCC
Start activation sequence input
(active low)
PA7
1.8V
1.8 V VCC operation selection.
Logic high selects 1.8 V
operation and overrides any
setting on the 5 V/3 V pin.
PC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com