Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1817 Datasheet(PDF) 43 Page - STMicroelectronics

Part # UM1817
Description  Evaluation board with STM32F091VC MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1817 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button UM1817 Datasheet HTML 39Page - STMicroelectronics UM1817 Datasheet HTML 40Page - STMicroelectronics UM1817 Datasheet HTML 41Page - STMicroelectronics UM1817 Datasheet HTML 42Page - STMicroelectronics UM1817 Datasheet HTML 43Page - STMicroelectronics UM1817 Datasheet HTML 44Page - STMicroelectronics UM1817 Datasheet HTML 45Page - STMicroelectronics UM1817 Datasheet HTML 46Page - STMicroelectronics UM1817 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
Figure 23. STM32091C-EVAL MCU
214
MCU
MB1169
B.1
8/25/2014
Title:
Size:
Reference:
Date:
Sheet:
of
A4
Revision:
STM32091C-EVAL
Project:
1
4
3
2
B1
TD-0341 [RESET/Black]
C102
100nF
C19
20pF
C18
20pF
X2
ESA8.00000F20D25F(with socket)
C17
20pF
C16
20pF
PB5
PB6
PB7
PA4
PA5
PA6
PA7
R46
10K
PA11
PA12
PE0
PD0
PD1
PA9
PA10
PD3
PD4
PD5
PD6
PC10
PC11
PB14
PB15
PB10
PC12
PE14
RESET#
PB8
PC5
PA0
PB9
PC13
PD8
PD9
PD10
PD11
PD12
PC6
PC7
PC8
PC9
R55
0
PE15
PE9
PE8
PE11
PE10
PE12
PE13
PA1
PC1
PC2
PC3
PD13
PD2
PE1
PB1
PB2
PA15
PB3
PD14
PB0
PC4
PE2
PE3
PE4
PE5
PE6
PA3
PA13
PA14
PB4
PC0
PA2
PA8
PD7
PD15
PE7
PC14
PC15
BOOT0/PF11
RESET#
LED4
LED3
LED1
LED2
RESET#
R23
820
R22
820
PC13
+3V3
D5V
Extension connector
Bootloader_BOOT0
Bootloader_RESET
JP11
D2
BAT60JFILM
JP4
D4
BAT60JFILM
SB11
SB12
Open by default
Left
Right
JOY_SEL
PF2
PF6
PF9
PF10
PF0
PF1
PF0
PF1
VDD
SB13
SB14
R56
0
R54
0
PB11
PB12
PB13
1
2
3
4
5
6
7
8
9
10
11 12
13 14
15 16
17 18
19 20
21 22
23 24
25 26
27 28
29 30
31 32
33 34
35 36
37 38
39 40
41 42
43 44
45 46
47 48
49 50
51 52
CN6
2213S-52G
1
2
3
4
5
6
7
8
9
10
11 12
13 14
15 16
17 18
19 20
21 22
23 24
25 26
27 28
29 30
31 32
33 34
35 36
37 38
39 40
41 42
43 44
45 46
47 48
49 50
51 52
CN7
2213S-52G
LDR_OUT
Audio_OUT_L
Audio_OUT_R
Potentiometer
HDMI_HPD_Source
SWCLK
Audio_IN
SPI1_MOSI_DIR
SmartCard_3/5V
TempSensor_INT
I2C1_SCL
I2C1_SDA
HDMI_CEC_OD
I2C2_SDA
I2C2_SCL
SDcard_detect
PF3
LCD_CS_OD
MicroSD_CS_OD
JOY_UP
JOY_DOWN
IR_IN
Tamper_key
USART1_CTS
USART1_RTS
8xUSART2_TX
8xUSART2_RX
ACP_RST_OD
SmartCard_IO
SmartCard_RST
SmartCard_CLK
HDMI_HPD_SINK_OD
TS1
TS2
TS_CT
SmartCard_OFF
SmartCard_CMDVCC
JOY_LEFT
JOY_RIGHT
SHIELD
SHIELD_CT
SPI1_MISO
SPI1_MOSI
PC14
PC15
DB_PD12
DB_PD13
DB_PD14
DB_PB11
DB_PB12
PA4
PA5
PA6
PA7
PA11
PA12
PA9
PA10
PA0
PA1
PA15
PA3
PA13
PA14
PA2
PA8
PB5
PB6
PB7
PB14
PB15
PB10
PB8
PB9
PB1
PB2
PB3
PB0
PB4
PE4
PE5
PB13
PC10
PC11
PC12
PC5
PC6
PC7
PC8
PC9
PC1
PC2
PC3
PC4
PC0
PD0
PD1
PD3
PD4
PD5
PD6
PD8
PD9
PD10
PD11
PD2
PD7
PD15
PE0
PE14
PE15
PE9
PE8
PE11
PE10
PE12
PE13
PE1
PE2
PE3
PE6
PE7
PF2
PF6
PF9
PF10
PF3
SWDAT
IR_OUT
SmartCard_1V8
CAN_TX
CAN_RX
R26
0
VDD_IO2
PF0-OSC_IN
12
PF1-OSC_OUT
13
NRST
14
PA0
23
PA1
24
PA2
25
PA3
26
PA4
29
PA5
30
PA6
31
PA7
32
PB0
35
PB1
36
PB2
37
PB10
47
PB14
53
PB15
54
PA8
67
PA9
68
PA10
69
PA11
70
PA12
71
PA13
72
PF6
73
PA14
76
PA15
77
PB3
89
PB4
90
PB5
91
PB6
92
PB7
93
BOOT0/PF11
94
PB8
95
PB9
96
PE2
1
PE3
2
PE4
3
PE5
4
PE6
5
PC13
7
PC14-OSC32_IN
8
PC15-OSC32_OUT
9
PC0
15
PC1
16
PC2
17
PC3
18
PC4
33
PC5
34
PE7
38
PE8
39
PE9
40
PE10
41
PE11
42
PE12
43
PE13
44
PE14
45
PE15
46
PD8
55
PD9
56
PD10
57
PD11
58
PD12
59
PD13
60
PD14
61
PD15
62
PC6
63
PC7
64
PC8
65
PC9
66
PC10
78
PC11
79
PC12
80
PD0
81
PD1
82
PD2
83
PD3
84
PD4
85
PD5
86
PD6
87
PD7
88
PE0
97
PE1
98
PF9
10
PF10
11
PF2
19
PB11
48
PB12
51
PB13
52
PF3
22
U4A
STM32F091VCT6
USART1_TX
USART1_RX
8xUSART1_TX
8xUSART1_RX
3
2
1
JP1
SPI1_SCK
R42
0
8xUSART5_TX
8xUSART5_RX
8xUSART8_TX
8xUSART8_RX
8xUSART4_TX
8xUSART4_RX
USART5_TX
USART5_RX
8xUSART3_TX
8xUSART3_RX
8xUSART7_TX
8xUSART7_RX
8xUSART6_TX
8xUSART6_RX
BOOT0/PF11
BOOT0/PF11 close to VDD
X1
Q13MC3061000300(EPSON 12.5pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com