Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1817 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM1817
Description  Evaluation board with STM32F091VC MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1817 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM1817 Datasheet HTML 15Page - STMicroelectronics UM1817 Datasheet HTML 16Page - STMicroelectronics UM1817 Datasheet HTML 17Page - STMicroelectronics UM1817 Datasheet HTML 18Page - STMicroelectronics UM1817 Datasheet HTML 19Page - STMicroelectronics UM1817 Datasheet HTML 20Page - STMicroelectronics UM1817 Datasheet HTML 21Page - STMicroelectronics UM1817 Datasheet HTML 22Page - STMicroelectronics UM1817 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
DocID026902 Rev 3
19/58
UM1817
Hardware layout and configuration
57
The RS-485 communication is supported by the RS-485 transceiver ST3485EBDR which is
connected to pin 4 and pin 9 of D-type 9-pins connectors CN9 (share same connector with
USART1), see Table 11.
2.9
Touch sensing buttons
Two touch sensing buttons are supported on the STM32091C-EVAL evaluation board and
they are connected to three capacitive sensing channels (PD[12:14]) in group8 with active
shield being connected to two capacitive sensing channels (PB11 and PB12) in group6 (see
Table 12).
Table 10. RS-232 and IrDA related jumpers
Jumper
Description
JP13
RS232_RX is connected to RS-232 transceiver and RS-232 communication is
enabled when JP13 is set as shown to the right (Default setting):
RS485_RX is connected to RS-485 transceiver and RS-485 communication is
enabled when JP13 is set as shown to the right:
IrDA_RX is connected to IrDA transceiver and IrDA communication is enabled when
JP13 is set as shown to the right:
Table 11. RS-485 related solder bridges
Jumper
Description
SB15, SB18
The external failsafe biasing are enabled when solder bridges SB15 and SB18 are
closed
Default Setting: Not fitted
SB19
The bus termination is enabled when solder bridge SB19 is closed.
Default Setting: Not fitted
SB16
The AC termination is disabled when solder bridge SB16 is closed for high baud rate
communication.
Default Setting: Not fitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com