Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1817 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1817
Description  Evaluation board with STM32F091VC MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1817 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1817 Datasheet HTML 19Page - STMicroelectronics UM1817 Datasheet HTML 20Page - STMicroelectronics UM1817 Datasheet HTML 21Page - STMicroelectronics UM1817 Datasheet HTML 22Page - STMicroelectronics UM1817 Datasheet HTML 23Page - STMicroelectronics UM1817 Datasheet HTML 24Page - STMicroelectronics UM1817 Datasheet HTML 25Page - STMicroelectronics UM1817 Datasheet HTML 26Page - STMicroelectronics UM1817 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
DocID026902 Rev 3
23/58
UM1817
Hardware layout and configuration
57
CAN operates correctly when VDDIO2 > 3V.
2.16
RF-EEPROM
A RF-EEPROM module ANT7-M24LR-A is mounted on connector CN2 and connected to
I2C1 bus of the STM32F091VCT6, this bus shares same I2C1 bus with the temperature
sensor U1 and DDC on HDMI_Source connector CN4.
The I2C address of the RF-EEPROM daughterboard is 0b1010000.
2.17
HDMI CEC
Two HDMI connectors CN3 and CN4 are available on the STM32091C-EVAL board.
•
The connector CN3 is HDMI sink connector with:
–
DDC connected to I2C2 of the STM32F091VCT6
–
HPD controlled by I/O PD11 through transistor T1
–
CEC connected to PB10 through transistor T2
•
The connector CN4 is HDMI source connector with:
–
DDC connected to I2C1 of the STM32F091VCT6 and shared with the temperature
sensor and RF-EEPROM
–
HPD controlled by I/O PD10
–
CEC connected to PB10 through transistor T2
–
HDMI 5 V powered by power switch U3
The signals TDMS D+[0..2], TDMS_CLK+, TDMS D-[0..2], TDMS_CLK- on these two HDMI
connectors are connected together.
The CEC injector mode is enabled by some PCB reworks for debugging purpose only:
•
Remove resistors R15, R17, R19, R28, R31, R35 and R38.
•
Close solder bridges SB2, SB3, SB4 and SB5.
Note:
The I/O PD11 must be set in open-drain output mode by firmware when working as an HPD
signal control on the HDMI sink connector CN3.
Table 15. CAN related jumpers
Jumper
Description
JP3
CAN transceiver is working in standby mode when JP3 is set as shown to the right:
CAN transceiver is working in high-speed mode when JP3 is set as shown to the
right: (default setting)
CAN transceiver is working in slope-control mode when JP3 is open.
JP2
CAN terminal resistor is enabled when JP2 is fitted.
Default setting: Not fitted
1 2 3
1 2 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com