Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1817 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM1817
Description  Evaluation board with STM32F091VC MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1817 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM1817 Datasheet HTML 25Page - STMicroelectronics UM1817 Datasheet HTML 26Page - STMicroelectronics UM1817 Datasheet HTML 27Page - STMicroelectronics UM1817 Datasheet HTML 28Page - STMicroelectronics UM1817 Datasheet HTML 29Page - STMicroelectronics UM1817 Datasheet HTML 30Page - STMicroelectronics UM1817 Datasheet HTML 31Page - STMicroelectronics UM1817 Datasheet HTML 32Page - STMicroelectronics UM1817 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
DocID026902 Rev 3
29/58
UM1817
Connectors
57
3.6
Daughterboard extension connectors CN6 and CN7
Two 52-pin male headers CN6 and CN7 are used to connect with daughterboard or
standard wrapping board to the STM32091C-EVAL evaluation board. All GPIOs are
available on it. The space between these two connectors, position of power, GND and
RESET pin are defined as a standard which allows developing common daughterboards for
several STM32 evaluation boards. The standard width between CN6 pin 1 and CN7 pin 1 is
2700 mils (68.58 mm). Most of evaluation boards implement this standard.
Each pin on CN6 and CN7 can be used by a daughterboard after disconnecting it from the
corresponding function block on the STM32091C-EVAL evaluation board. Refer to Table 22
and Table 23 for details.
Table 21. CAN D-type 9-pin male connector CN5
Pin number
Description
Pin number
Description
1,4,8,9
NC
7
CANH
2
CANL
3,5,6
GND
Table 22. Daughterboard extension connector CN6
Pin
Description
Alternative function
How to disconnect with function block
on the STM32091C-EVAL board
1GND
-
-
3PC7
-
-
5
PC9
8xUSART8_RX
No Jumper mounted on CN1
7
PA9
8xUSART1_TX/USART1_TX
Remove R52, No Jumper mounted on CN1
9
PA10
8xUSART1_RX/USART1_RX
no Jumper mounted on JP1
11
PC14
OSC32_IN
Remove R54, Close SB11
13
PA12
USART1_RTS/RS485_DIR
Remove R50
15
PC15
OSC32_OUT
Remove R55, Close SB12
17
PA14
SWCLK
Remove R60
19
GND
-
-
21
PC11
8xUSART4_RX
No Jumper mounted on CN1
23
PD0
CAN_RX
Remove R34
25
PD2
USART5_RX
Remove R153
27
PD4
-
-
29
PD6
8xUSART2_RX
No Jumper mounted on CN1
31
PD7
SmartCard_CK
Remove R134
33
PB4
8xUSART5_RX
No Jumper mounted on CN1
35
PB6
I2C1_SCL
Remove R4,R20,R27,R28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com