Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1817 Datasheet(PDF) 48 Page - STMicroelectronics

Part # UM1817
Description  Evaluation board with STM32F091VC MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1817 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button UM1817 Datasheet HTML 44Page - STMicroelectronics UM1817 Datasheet HTML 45Page - STMicroelectronics UM1817 Datasheet HTML 46Page - STMicroelectronics UM1817 Datasheet HTML 47Page - STMicroelectronics UM1817 Datasheet HTML 48Page - STMicroelectronics UM1817 Datasheet HTML 49Page - STMicroelectronics UM1817 Datasheet HTML 50Page - STMicroelectronics UM1817 Datasheet HTML 51Page - STMicroelectronics UM1817 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
Figure 28. STM32091C-EVAL peripherals
714
Peripherals
MB1169
B.1
7/25/2014
Title:
Size:
Reference:
Date:
Sheet:
of
A4
Revision:
STM32091C-EVAL
Project:
2
RV3
10K
Potentiometer
Potentiometer
1
2
LD3
Red
1
2
LD2
Orange
1
2
LD4
Blue
1
2
LD1
Green
+3V3
R179
510
R178
680
R177
680
R176
680
LED4
LED3
LED1
LED2
LEDs
LDR_OUT
R6
8K2
Tamper Button
PA1
PE0
PE1
PE7
PE8
R165
0
R164
0
R163
0
R162
0
C101
[N/A]
R191 0
Close to MCU on PCB
PC0
R193 0
R1
VT9ON1
CN18
two pin header for external analog input
Photo resistor
R182
4K7
B2
Tamper
C94
100nF
VDD
R183
100
R181
0
Tamper_key
PC13
R192 47
VDD_ANA
VDD_ANA
C100
100nF
R7
0
R190
0
VDD
R188
100
COMMON
5
Selection
2
DWON
3
LEFT
1
RIGHT
4
UP
6
GND
7
GND
8
B3
MT-008A
R187
0
R189
0
R186
0
R184
0
R185
0
JOY_SEL
JOY_DOWN
JOY_LEFT
JOY_RIGHT
JOY_UP
Joystick
PE4
PE3
PE2
PE5
PA0
Input pins with pull-down
VDD
+3V3
R159
1K[1%]
R173
1.54K[1%]
+5V
LD8
Red
+5V
6
5
7
U21B
TS3702IPT
2
3
1
U21A
TS3702IPT
LD9
Orange
+3V3
R158
1K[1%]
R172
2.67K[1%]
VDD<2V
R157
0
VDD_ANA<2.4V
R160
0
R175
1K
R174
1K
Low Voltage LED
VDD_ANA
+5V
Analogue not functional
MCU not functional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com