Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1817 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM1817
Description  Evaluation board with STM32F091VC MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1817 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM1817 Datasheet HTML 31Page - STMicroelectronics UM1817 Datasheet HTML 32Page - STMicroelectronics UM1817 Datasheet HTML 33Page - STMicroelectronics UM1817 Datasheet HTML 34Page - STMicroelectronics UM1817 Datasheet HTML 35Page - STMicroelectronics UM1817 Datasheet HTML 36Page - STMicroelectronics UM1817 Datasheet HTML 37Page - STMicroelectronics UM1817 Datasheet HTML 38Page - STMicroelectronics UM1817 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
DocID026902 Rev 3
35/58
UM1817
Connectors
57
3.10
Standard SWD connector CN11
Figure 17. Standard SWD debugging connector CN11 (top view)
Table 27. Standard SWD debugging connector CN11
Pin number
Description
1
VDDIO2
3NC
5NC
7
SWDAT (PA13)
9
SWCLK (PA14)
11
10K pull-down
13
NC
15
RESET#
17
10K pull-down
19
10K pull-down
2
VDDIO2
4GND
6GND
8GND
10
GND
12
GND
14
GND
16
GND
18
GND
20
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com