Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1817 Datasheet(PDF) 47 Page - STMicroelectronics

Part # UM1817
Description  Evaluation board with STM32F091VC MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1817 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button UM1817 Datasheet HTML 43Page - STMicroelectronics UM1817 Datasheet HTML 44Page - STMicroelectronics UM1817 Datasheet HTML 45Page - STMicroelectronics UM1817 Datasheet HTML 46Page - STMicroelectronics UM1817 Datasheet HTML 47Page - STMicroelectronics UM1817 Datasheet HTML 48Page - STMicroelectronics UM1817 Datasheet HTML 49Page - STMicroelectronics UM1817 Datasheet HTML 50Page - STMicroelectronics UM1817 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
Figure 27. STM32091C-EVAL LCD and microSD card
614
LCD & MicroSD card
MB1169
B.1
7/25/2014
Title:
Size:
Reference:
Date:
Sheet:
of
A4
Revision:
STM32091C-EVAL
Project:
MicroSD_CS_3V3
LCD_CS_3V3
+3V3
SDcard_detect
CS
1
SCL
2
SDI
3
RS
4
WR
5
RD
6
RESET
8
VDD
9
VCI
10
SDO
7
GND
11
GND
12
BL_VDD
13
BL_Control
14
BL_GND
15
BL_GND
16
CN14
2.4" LCD connector (MB895C)
+3V3
TFT LCD
PE11
+5V
C84
10uF
L3
BEAD
C83
100nF
L4
BEAD
R154
0
+3V3
R168
[N/A]
R92
10K
R93
0
+3V3
R51
10K
R57
0
+3V3
RVS
1
CS
2
DI
3
Vdd
4
SCLK
5
Vss
6
DO
7
RVS
8
SW2
9
SW1
10
CN8
PJS008-2000 (SMS064FF or SMS128FF)
PE10
PE12
R43
0
RESET#
+3V3
VDD
R102
4K7
1
3
G
SD
TR1
BSN20
R106
270
R47
10K
R48
270
R45
0
Open drain pin!
Open drain pin!
SPI LCD
SPI MICRO SD
SPI1_MISO_3V3
PE14
Input pin with pull-up
SPI1_MOSI
PE15
R83
0
VCCA
1
A1
2
A2
3
GND
4
DIR
5
B2
6
B1
7
VCCB
8
U13
SN74LVC2T45DCUT
+3V3
VDD
VDD
C43
100nF
C44
100nF
SPI1_MOSI_3V3
SPI1_MOSI_DIR
R86
10K
PE9
R81
0
SPI1_SCK
VCCA
1
A1
2
A2
3
GND
4
DIR
5
B2
6
B1
7
VCCB
8
U11
SN74LVC2T45DCUT
+3V3
VDD
VDD
C38
100nF
C37
100nF
SPI1_SCK_3V3
PE13
R73
100K
VDD
SPI1_MOSI_3V3
SPI1_SCK_3V3
R74
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com