Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1817 Datasheet(PDF) 42 Page - STMicroelectronics

Part # UM1817
Description  Evaluation board with STM32F091VC MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1817 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button UM1817 Datasheet HTML 38Page - STMicroelectronics UM1817 Datasheet HTML 39Page - STMicroelectronics UM1817 Datasheet HTML 40Page - STMicroelectronics UM1817 Datasheet HTML 41Page - STMicroelectronics UM1817 Datasheet HTML 42Page - STMicroelectronics UM1817 Datasheet HTML 43Page - STMicroelectronics UM1817 Datasheet HTML 44Page - STMicroelectronics UM1817 Datasheet HTML 45Page - STMicroelectronics UM1817 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
Appendix B
Schematics
Figure 22. STM32091C-EVAL top view
114
TOP
MB1169
B.1
7/25/2014
Title:
Size:
Reference:
Date:
Sheet:
of
A4
Revision:
STM32091C-EVAL
Project:
Note1:Draft V0.1
Audio_IN
Audio_OUT_L
Audio_OUT_R
U_Audio
Audio.SchDoc
SmartCard_3/5V
SmartCard_IO
SmartCard_RST
SmartCard_CLK
SmartCard_OFF
SmartCard_CMDVCC
CAN_TX
CAN_RX
IR_OUT
IR_IN
SmartCard_1V8
U_CAN_SmartCard_IR
CAN_SmartCard_IR.SchDoc
HDMI_HPD_SINK
I2C2_SDA_5V
I2C2_SCL_5V
HDMI_CEC_3V3
HDMI_HPD_Source_5V
I2C1_SCL_5V
I2C1_SDA_5V
U_HDMI_CEC
HDMI_CEC.SchDoc
RESET#
LED4
LED3
LED1
LED2
Bootloader_BOOT0
Bootloader_RESET
JOY_SEL
LDR_OUT
Audio_OUT_L
Audio_OUT_R
SPI1_SCK
Potentiometer
HDMI_HPD_Source
SWCLK
Audio_IN
SPI1_MOSI_DIR
SmartCard_3/5V
TempSensor_INT
I2C1_SCL
I2C1_SDA
HDMI_CEC_OD
I2C2_SDA
I2C2_SCL
SDcard_detect
LCD_CS_OD
MicroSD_CS_OD
JOY_UP
JOY_DOWN
IR_IN
Tamper_key
SmartCard_IO
SmartCard_RST
SmartCard_CLK
HDMI_HPD_SINK_OD
TS1
TS2
TS_CT
SmartCard_OFF
SmartCard_CMDVCC
JOY_LEFT
JOY_RIGHT
SHIELD
SHIELD_CT
SPI1_MISO
SPI1_MOSI
DB_PD12
DB_PD13
DB_PD14
SWDAT
IR_OUT
SmartCard_1V8
CAN_TX
CAN_RX
8xUSART1_TX
8xUSART1_RX
8xUSART5_TX
8xUSART5_RX
8xUSART8_TX
8xUSART8_RX
8xUSART4_TX
8xUSART4_RX
8xUSART2_TX
8xUSART2_RX
8xUSART3_TX
8xUSART3_RX
8xUSART7_TX
8xUSART7_RX
8xUSART6_TX
8xUSART6_RX
USART1_CTS
USART1_RTS
USART1_TX
USART1_RX
ACP_RST_OD
DB_PB11
DB_PB12
USART5_TX
USART5_RX
U_MCU
MCU.SchDoc
Potentiometer
LED4
LED3
LED1
LED2
LDR_OUT
Tamper_key
JOY_SEL
JOY_DOWN
JOY_LEFT
JOY_RIGHT
JOY_UP
U_Peripherals
Peripherals.SchDoc
U_Power
Power.SchDoc
RESET#
SWDAT
SWCLK
U_SWD
SWD.SchDoc
I2C1_SCL_5V
I2C1_SDA_5V
TempSensor_INT
ACP_RST
U_TemSensor_RF_EEPROM
TemSensor_RF_EEPROM.SCHDOC
TS1
TS2
SHIELD
SHIELD_CT
TS_CT
DB_PD12
DB_PD13
DB_PD14
DB_PB11
DB_PB12
U_Touch Sensing
Touch Sensing.SchDoc
Bootloader_BOOT0_3V3
Bootloader_RESET_3V3
USART1_RX_3V3
USART1_CTS_3V3
USART1_RTS
USART1_TX
U_RS232_RS485_IrDA
RS232_RS485_IrDA.SchDoc
1Mhz clock
24Mhz clock
MicroSD_CS_3V3
LCD_CS_3V3
SDcard_detect
RESET#
SPI1_MISO_3V3
SPI1_MOSI
SPI1_MOSI_DIR
SPI1_SCK
U_LCD_MicroSD
LCD_MicroSD.SchDoc
8xUSART1_TX
8xUSART2_RX
8xUSART2_TX
8xUSART3_RX
8xUSART3_TX
8xUSART4_RX
8xUSART4_TX
8xUSART5_RX
8xUSART5_TX
8xUSART6_RX
8xUSART6_TX
8xUSART7_RX
8xUSART7_TX
8xUSART8_RX
8xUSART8_TX
8xUSART1_RX
U_8x_USART
8x_USART.SchDoc
STLK_RX
STLK_TX
TMS/SWDIO
TCK/SWCLK
RESET#
U_ST_LINK_V2-1
ST_LINK_V2-1.SCHDOC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com