Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1817 Datasheet(PDF) 45 Page - STMicroelectronics

Part # UM1817
Description  Evaluation board with STM32F091VC MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1817 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button UM1817 Datasheet HTML 41Page - STMicroelectronics UM1817 Datasheet HTML 42Page - STMicroelectronics UM1817 Datasheet HTML 43Page - STMicroelectronics UM1817 Datasheet HTML 44Page - STMicroelectronics UM1817 Datasheet HTML 45Page - STMicroelectronics UM1817 Datasheet HTML 46Page - STMicroelectronics UM1817 Datasheet HTML 47Page - STMicroelectronics UM1817 Datasheet HTML 48Page - STMicroelectronics UM1817 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
Figure 25. STM32091C-EVAL Audio
414
Audio
MB1169
B.1
7/25/2014
Title:
Size:
Reference:
Date:
Sheet:
of
A4
Revision:
STM32091C-EVAL
Project:
C49
180pF
C51
100nF
R101
100K
R104
100K
TP10
MIC_OUT
TP9
MIC+
R109
1K
R100
100
R105
2K2
C52
47pF
R98
15K
2
RV1
[N/A]
C57
[N/A]
R99
0
R108
510
Audio_IN
4
3
1
U15
TS461CLT
C61
10uF
C54
4.7uF
C48
2.2uF
R94
18K
R96
82K
R95
680
C50
4.7uF
PA6
VDD_ANA
VDD_ANA
VDD_ANA
C53
100nF
R107
0
R180
10K
JP17
C66
1uF
C63
330nF
R124
20K
Audio_OUT_L
R121
0
C62
[N/A]
C81
330nF
R149
20K
Audio_OUT_R
R143
0
C79
[N/A]
R127
4K7
C69
1.5nF
R145
4K7
C76
1.5nF
C65
220uF
R120
1K
C78
220uF
R141
1K
C74
1uF
Default setting: close
C73
100nF
2
6
4
3 CN13
PJ-3028B
VDD_ANA
VDD_ANA
VDD_ANA>2.2V
VDD_ANA>2.7V
PA4
PA5
Left
Right
Microphone
3
2
1
JP14
Shutdown
6
Bypass
4
VIN2
7
VIN1
3
VOUT1
2
VCC
1
GND
5
VOUT2
8
9
U18
TS488IQT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com