Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1817 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM1817
Description  Evaluation board with STM32F091VC MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1817 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM1817 Datasheet HTML 20Page - STMicroelectronics UM1817 Datasheet HTML 21Page - STMicroelectronics UM1817 Datasheet HTML 22Page - STMicroelectronics UM1817 Datasheet HTML 23Page - STMicroelectronics UM1817 Datasheet HTML 24Page - STMicroelectronics UM1817 Datasheet HTML 25Page - STMicroelectronics UM1817 Datasheet HTML 26Page - STMicroelectronics UM1817 Datasheet HTML 27Page - STMicroelectronics UM1817 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
Hardware layout and configuration
UM1817
24/58
DocID026902 Rev 3
2.18
IR LED and IR receiver
The IR receiver TSOP34836 is connected to PC6 of the STM32F091VCT6 and a current
around 100 mA on IR LED is driven by PB9 through transistors T4 and T5 on the board.
Note:
The IR LED may be driven by PB9 directly with 20 mA current when SB20 is closed and
R116 is removed.
2.19
8x USARTs
USART chain could be routed to a 2*8 header so that some jumpers could be used to
connect them to demonstrate 8x USART channels in daisy chain.The data flow is showed in
the below Figure 8.
Figure 8. USART data flow
At the end both data sent at USART1_TX and data received at USART_RX can be
compared and validated thanks to USARTs chain on CN1.
Warning:
USART1/4/8 belongs to VDDIO2 power domain and
USART2/3/5/6/7 belongs to VDDIO power domain, so the
same voltage level for VDDIO and VDDIO2 is needed, to
demonstrate USART chain application on this header.
2.20
Display and input devices
The 2.4” color TFT LCD connected to SPI1 port of the STM32F091VCT6 and 4-general-
purpose-color LEDs (LD 1,2,3,4) are available as display device. The 4-direction joystick
(B3) with selection key, which connects to PA0 and supports wakeup feature, and Tamper
button (B2) are also available as input devices (see Table 16).
USART1_TX
USART2_RX
USART2_TX
USART3_RX
USART3_TX
USART4_RX
USART4_TX
USART5_RX
USART5_TX
USART6_RX
USART6_TX
USART7_RX
USART7_TX
USART8_RX
USART8_TX
USART1_RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com