Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1817 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1817
Description  Evaluation board with STM32F091VC MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1817 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1817 Datasheet HTML 10Page - STMicroelectronics UM1817 Datasheet HTML 11Page - STMicroelectronics UM1817 Datasheet HTML 12Page - STMicroelectronics UM1817 Datasheet HTML 13Page - STMicroelectronics UM1817 Datasheet HTML 14Page - STMicroelectronics UM1817 Datasheet HTML 15Page - STMicroelectronics UM1817 Datasheet HTML 16Page - STMicroelectronics UM1817 Datasheet HTML 17Page - STMicroelectronics UM1817 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
Hardware layout and configuration
UM1817
14/58
DocID026902 Rev 3
Table 2. Power source related jumpers
Jumper
Description
JP15
JP15 is used to select one of the three possible power supply resources. For
power supply jack (CN16) to the STM32091C-EVAL only, JP15 is set as
shown to the right:
For power supply from the daughterboard connectors (CN7) to STM32091C-
EVAL only, JP15 is set as shown to the right:
For power supply from USB (CN12) of ST-LINK/V2-1 to STM32091C-EVAL only,
JP15 is set as shown to the right: (Default Setting)
For power supply from power supply jack (CN16) to both STM32091C-EVAL
and daughterboard connected on CN6 and CN7, JP15 is set as shown to the
right (daughterboard must not have its own power supply connected)
JP7
The Vbat pin of STM32F091VCT6 is connected to VDD when JP7 is set as
shown to the right (Default setting):
The Vbat pin of STM32F091VCT6 is connected to the 3 V battery when JP7 is
set as shown to the right:
JP10
The VDDIO2 pin of STM32F091VCT6 is connected to 3.3V when JP10 is set as
shown to the right (Default setting):
The VDDIO2 pin of STM32F091VCT6 is connected to VDD_ADJ when JP10 is
set as shown to the right:
1 2 3
1 2 3
1 2 3
1 2 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com