Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1817 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM1817
Description  Evaluation board with STM32F091VC MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1817 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM1817 Datasheet HTML 21Page - STMicroelectronics UM1817 Datasheet HTML 22Page - STMicroelectronics UM1817 Datasheet HTML 23Page - STMicroelectronics UM1817 Datasheet HTML 24Page - STMicroelectronics UM1817 Datasheet HTML 25Page - STMicroelectronics UM1817 Datasheet HTML 26Page - STMicroelectronics UM1817 Datasheet HTML 27Page - STMicroelectronics UM1817 Datasheet HTML 28Page - STMicroelectronics UM1817 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
DocID026902 Rev 3
25/58
UM1817
Hardware layout and configuration
57
Note:
The bi-directional voltage translator is implemented on SPI MOSI signal between the
STM32F091VCT6 and the LCD to support 3-wires serial interface for various voltage level
interface. The direction of this voltage translator is controlled by I/O PE9 (the I/O PE15 is
working as MOSI when PE9 is high or as MISO when PE9 is LOW).
Table 16. LCD modules
2.4” TFT LCD connector CN14
Pin
Description
Pin connection
Pin
Description
Pin connection
1
CS
PE10
9
VDD
3.3V
2
SCL
PE13
10
VCI
3.3V
3
SDI
PE15
11
GND
GND
4RS
-
12
GND
GND
5
WR
-
13
BL_VDD
5 V
6
RD
-
14
BL_Control
5 V
7
SDO
PE14
15
BL_GND
GND
8
RESET
RESET#
16
BL_GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com