Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1817 Datasheet(PDF) 46 Page - STMicroelectronics

Part # UM1817
Description  Evaluation board with STM32F091VC MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1817 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button UM1817 Datasheet HTML 42Page - STMicroelectronics UM1817 Datasheet HTML 43Page - STMicroelectronics UM1817 Datasheet HTML 44Page - STMicroelectronics UM1817 Datasheet HTML 45Page - STMicroelectronics UM1817 Datasheet HTML 46Page - STMicroelectronics UM1817 Datasheet HTML 47Page - STMicroelectronics UM1817 Datasheet HTML 48Page - STMicroelectronics UM1817 Datasheet HTML 49Page - STMicroelectronics UM1817 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
Figure 26. STM32091C-EVAL HDMI_CEC
514
HDMI_CEC
MB1169
B.1
7/25/2014
Title:
Size:
Reference:
Date:
Sheet:
of
A4
Revision:
STM32091C-EVAL
Project:
HDMI_HPD_SINK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
CN4
47151-0051
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
CN3
47151-0051
Sink
Source
R8
1K
R19
1K
HDMI_5V_Sink
HDMI_5V_Sink
I2C2_SDA_5V
I2C2_SCL_5V
R17
47K
R15
47K
+3V3
R9
27K
HDMI_CEC_3V3
+5V
C9
4.7uF
GND
2
IN
5
EN
4
OUT
1
FAULT
3
U3
STMPS2141STR@54
HDMI_5V_Source
R38
1M
HDMI_HPD_Source_5V
I2C1_SCL_5V
I2C1_SDA_5V
R31
1K8
R28
1K8
+5V
SB2
SB3
SB4
SB5
R35
0
2
T2
2N7002
+5V
PD11
PB13
PB14
PB10
PD10
PB6
PB7
TMDS_Data2+
TMDS_Data2-
TMDS_Data1+
TMDS_Data1-
TMDS_Data0+
TMDS_Data0-
TMDS_Clock+
TMDS_Clock-
R36
0
R12
0
2
T1
9012
R11
1K
FT pin & Open Drain mode needed
R27
0
R32
0
R16
0
R18
0
Open drain pin!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com