Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1817 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM1817
Description  Evaluation board with STM32F091VC MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1817 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM1817 Datasheet HTML 23Page - STMicroelectronics UM1817 Datasheet HTML 24Page - STMicroelectronics UM1817 Datasheet HTML 25Page - STMicroelectronics UM1817 Datasheet HTML 26Page - STMicroelectronics UM1817 Datasheet HTML 27Page - STMicroelectronics UM1817 Datasheet HTML 28Page - STMicroelectronics UM1817 Datasheet HTML 29Page - STMicroelectronics UM1817 Datasheet HTML 30Page - STMicroelectronics UM1817 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
DocID026902 Rev 3
27/58
UM1817
Connectors
57
3.3
HDMI sink connector CN3
Figure 11. HDMI sink connector CN3 (front view)
Table 18. RF-EEPROM connector CN2
Pin number
Description
Pin number
Description
1
I2C1_SDA (PB7)
5
+5 V
2NC
6
NC
3
I2C1_SCL (PB6)
7
GND
4
EX_RESET (PD7)
8
NC
Table 19. HDMI sink connector CN3
Pin number
Description
Pin number
Description
1,3,4,6,7,9,10,12
TMDS differential signal
pair connected to CN4
16
I2C2_SDA (PB14)
13
CEC (PB10)
2,5,8,11,17
GND
14
NC
18
HDMI_5V_Sink
15
I2C2_SCL (PB13)
19
HPD (PD11 through
transistor)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com