Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8TL52X4 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM8TL52X4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL52X4 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM8TL52X4 Datasheet HTML 49Page - STMicroelectronics STM8TL52X4 Datasheet HTML 50Page - STMicroelectronics STM8TL52X4 Datasheet HTML 51Page - STMicroelectronics STM8TL52X4 Datasheet HTML 52Page - STMicroelectronics STM8TL52X4 Datasheet HTML 53Page - STMicroelectronics STM8TL52X4 Datasheet HTML 54Page - STMicroelectronics STM8TL52X4 Datasheet HTML 55Page - STMicroelectronics STM8TL52X4 Datasheet HTML 56Page - STMicroelectronics STM8TL52X4 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
DocID022344 Rev 7
53/84
STM8TL52x4 STM8TL53x4
Electrical parameters
70
Figure 15. Typical HSI accuracy vs. temperature, VDD = 3 V
High speed ProxSense RC oscillator
Low speed internal RC oscillator (LSI)
Table 25. HSI_PXS oscillator characteristics(1)
1. VDD = 3V, TA = 40 to 85 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fHSI_PXS
Frequency
VDD = 3.0 V
-
16
-
MHz
Table 26. LSI oscillator characteristics (1)
1. VDD = 1.65 V to 3.6 V, TA = 40 to 85°C unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fLSI
Frequency
26
38
56
kHz
fdrift(LSI)
LSI oscillator frequency
drift(2)
2. For each individual part, this value is the frequency drift from the initial measured frequency.
0 °C
TA  85°C
12
-
11
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com