Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8TL52X4 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM8TL52X4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL52X4 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM8TL52X4 Datasheet HTML 58Page - STMicroelectronics STM8TL52X4 Datasheet HTML 59Page - STMicroelectronics STM8TL52X4 Datasheet HTML 60Page - STMicroelectronics STM8TL52X4 Datasheet HTML 61Page - STMicroelectronics STM8TL52X4 Datasheet HTML 62Page - STMicroelectronics STM8TL52X4 Datasheet HTML 63Page - STMicroelectronics STM8TL52X4 Datasheet HTML 64Page - STMicroelectronics STM8TL52X4 Datasheet HTML 65Page - STMicroelectronics STM8TL52X4 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 84 page
background image
Electrical parameters
STM8TL52x4 STM8TL53x4
62/84
DocID022344 Rev 7
NRST pin
The NRST pin input driver is CMOS. A permanent pull-up is present which is the same as
RPU (see Table 31 on page 56).
Subject to general operating conditions for VDD and TA unless otherwise specified.
The reset network shown in Figure 26 protects the device against parasitic resets. The user
must ensure that the level on the NRST pin can go below the VIL max. level specified in
Table 33
. Otherwise the reset is not taken into account internally.
Figure 25. Typical NRST pull-up resistance RPU vs. VDD
Table 33. NRST pin characteristics
Symbol
Parameter
Conditions
Min.
Typ.(1)
1. Data based on characterization results, not tested in production.
Max.
Unit
VIL(NRST) NRST input low level voltage(1)
-VSS
-0.8
V
VIH(NRST) NRST input high level voltage(1)
-1.4
-
VDD
VOL(NRST) NRST output low level voltage
IOL = 2 mA
-
-
VDD-
0.8
RPU(NRST) NRST pull-up equivalent resistor(2)
2. The RPU pull-up equivalent resistor is based on a resistive transistor.
-30
45
60
k
VF(NRST)
NRST input filtered pulse(3)
3. Data guaranteed by design, not tested in production.
--
-
50
ns
tOP(NRST) NRST output pulse width
-
20
-
-
VNF(NRST) NRST input not filtered pulse(3)
-300
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com