Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8TL52X4 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM8TL52X4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL52X4 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM8TL52X4 Datasheet HTML 29Page - STMicroelectronics STM8TL52X4 Datasheet HTML 30Page - STMicroelectronics STM8TL52X4 Datasheet HTML 31Page - STMicroelectronics STM8TL52X4 Datasheet HTML 32Page - STMicroelectronics STM8TL52X4 Datasheet HTML 33Page - STMicroelectronics STM8TL52X4 Datasheet HTML 34Page - STMicroelectronics STM8TL52X4 Datasheet HTML 35Page - STMicroelectronics STM8TL52X4 Datasheet HTML 36Page - STMicroelectronics STM8TL52X4 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
DocID022344 Rev 7
33/84
STM8TL52x4 STM8TL53x4
Memory and register map
39
0x00 52E9
to
0x00 52FF
Reserved area (23 byte)
0x00 5300
PXS
PXS_CR1
ProxSense control register 1
0x00
0x00 5301
PXS_CR2
ProxSense control register 2
0x00
0x00 5302
PXS_CR3
ProxSense control register 3
0x04
0x00 5303
Reserved area (1 byte)
0x00 5304
PXS_ISR
ProxSense interrupt and status register
0x00
0x00 5305
Reserved area (1 byte)
0x00 5306
PXS_CKCR1
ProxSense clock control register 1
0x30
0x00 5307
PXS_CKCR2
ProxSense clock control register 2
0x11
0x00 5308
PXS_RXENRH
ProxSense receiver enable register high
0x00
0x00 5309
PXS_RXENRL
ProxSense receiver enable register low
0x00
0x00 5310
to
0x00 5311
Reserved area (2 byte)
0x00 530A
PXS
PXS_RXCR1H
ProxSense receiver control register 1 high
0x00
0x00 530B
PXS_RXCR1L
ProxSense receiver control register 1 low
0x00
0x00 530C
PXS_RXCR2H
ProxSense receiver control register 2 high
0x00
0x00 530D
PXS_RXCR2L
ProxSense receiver control register 2 low
0x00
0x00 530E
PXS_RXCR3H
ProxSense receiver control register 3 high
0x00
0x00 530F
PXS_RXCR3L
ProxSense receiver control register 3 low
0x00
0x00 5312
PXS_RXINSRH
ProxSense receiver inactive state register high
0x00
0x00 5313
PXS_RXINSRL
ProxSense receiver inactive state register low
0x00
0x00 5314
to
0x00 5315
Reserved area (2 byte)
0x00 5316
PXS
PXS_TXENRH
ProxSense transmit enable register high
0x00
0x00 5317
PXS_TXENRL
ProxSense transmit enable register low
0x00
0x00 5318
to
0x00 5319
Reserved area (2 byte)
Table 7. General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com