Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8TL52X4 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM8TL52X4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL52X4 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM8TL52X4 Datasheet HTML 18Page - STMicroelectronics STM8TL52X4 Datasheet HTML 19Page - STMicroelectronics STM8TL52X4 Datasheet HTML 20Page - STMicroelectronics STM8TL52X4 Datasheet HTML 21Page - STMicroelectronics STM8TL52X4 Datasheet HTML 22Page - STMicroelectronics STM8TL52X4 Datasheet HTML 23Page - STMicroelectronics STM8TL52X4 Datasheet HTML 24Page - STMicroelectronics STM8TL52X4 Datasheet HTML 25Page - STMicroelectronics STM8TL52X4 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
Pin description
STM8TL52x4 STM8TL53x4
22/84
DocID022344 Rev 7
Table 3. Legends/abbreviations
Type
I = input, O = output, S = power supply
Level
Input
FT = 5 V tolerant, TC = 3 V capable
Output
HS = high sink/source (20 mA)
Port and control
configuration
Input
float = floating, wpu = weak pull-up
Output
T = true open drain, OD = open drain, PP = push-pull
Reset state
Bold X (pin state after reset release).
Unless otherwise specified, the pin state is the same during the reset phase
(i.e. “under reset”) and after internal reset release (i.e. at reset state).
Table 4. STM8TL5xx4 pin description
Pin no.
Pin name
Input
Output
Alternate function
Default
Remap
1
-
-
PB6/ PXS_TX14
I/O TC
X
X
X
HS
X
X
Port B6
ProxSense
transmit 14
-
227
2
PA0(1)/SWIM/
BEEP
I/O TC
X
X
X
HS
X
X
SWIM
Port A0(1)
-
SWIM input and
output
-
Beep output
-
328
3
PA1/SPI_NSS/
[TIM3_CH1]
I/O FT
X
X
X
HS
X
X
Port A1
SPI master/
slave select
Timer 3 -
channel
1
414
PA2/SPI_SCK/
USART_CK/
[TIM3_CH2](2)
I/O FT
X
X
X
HS
X
X
Port A2
SPI clock
Timer 3 -
channel
2
USART
synchronous
clock
525
PA3/SPI_MISO/
USART_TX/
I2C_SDA(2)
I/O FT
X
X
X
HS
X
X
Port A3
SPI master in/
slave out
-
USART transmit
-
I2C data
-
636
PA4/SPI_MOSI/
USART_RX/
I2C_SCL
I/O FT
X
X
X
HS
X
X
Port A4
SPI master out/
slave in
-
USART receive
-
I2C clock
-
7
4
7 VDD
S
-------
Digital
power
supply
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com