Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8TL52X4 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM8TL52X4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL52X4 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM8TL52X4 Datasheet HTML 12Page - STMicroelectronics STM8TL52X4 Datasheet HTML 13Page - STMicroelectronics STM8TL52X4 Datasheet HTML 14Page - STMicroelectronics STM8TL52X4 Datasheet HTML 15Page - STMicroelectronics STM8TL52X4 Datasheet HTML 16Page - STMicroelectronics STM8TL52X4 Datasheet HTML 17Page - STMicroelectronics STM8TL52X4 Datasheet HTML 18Page - STMicroelectronics STM8TL52X4 Datasheet HTML 19Page - STMicroelectronics STM8TL52X4 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
Product overview
STM8TL52x4 STM8TL53x4
16/84
DocID022344 Rev 7
3.14
Beeper
STM8TL5xx4 devices include a beeper function used to generate a beep signal in the range
of 1, 2 or 4 kHz when the LSI clock is operating at a frequency of 38 kHz.
3.15
USART
The USART interface (USART) allows full duplex, asynchronous communications with
external devices requiring an industry standard NRZ asynchronous serial data format. It
offers a very wide range of baud rates.
1 Mbit/s full duplex SCI
SPI emulation
High precision baud rate generator
Single wire half duplex mode
3.16
SPI
The serial peripheral interface (SPI) provides half/ full duplex synchronous serial
communication with external devices.
Maximum speed: 8 Mbit/s (fSYSCLK/2) both for master and slave
Full duplex synchronous transfers
Simplex synchronous transfers on 2 lines with a possible bidirectional data line
Master or slave operation - selectable by hardware or software
Hardware CRC calculation
Slave/master selection input pin
3.17
I2C
The I2C bus interface (I2C) provides multi-master capability, and controls all I2C bus-specific
sequencing, protocol, arbitration and timing.
Master, slave and multi-master capability
Dual addressing mode capability
Standard mode up to 100 kHz and fast speed modes up to 400 kHz
7-bit and 10-bit addressing modes
Hardware CRC calculation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com