Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8TL52X4 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM8TL52X4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL52X4 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM8TL52X4 Datasheet HTML 47Page - STMicroelectronics STM8TL52X4 Datasheet HTML 48Page - STMicroelectronics STM8TL52X4 Datasheet HTML 49Page - STMicroelectronics STM8TL52X4 Datasheet HTML 50Page - STMicroelectronics STM8TL52X4 Datasheet HTML 51Page - STMicroelectronics STM8TL52X4 Datasheet HTML 52Page - STMicroelectronics STM8TL52X4 Datasheet HTML 53Page - STMicroelectronics STM8TL52X4 Datasheet HTML 54Page - STMicroelectronics STM8TL52X4 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 84 page
background image
DocID022344 Rev 7
51/84
STM8TL52x4 STM8TL53x4
Electrical parameters
70
Current consumption of on-chip peripherals
Measurement made for fMASTER = from 2 MHz to 16 MHz
Current consumption with ProxSense peripherals
Measurement made for fMASTER = 16 MHz, fProxSense = 16 MHz, all other peripherals off and
under the following conditions:
PXS_RxiCSSELR (Sampling Capacitor) = 0x10
PXS_RxiEPCCSELR (Electrode Parasitic Capacitance Compensation) = 0x80
Capacitance between Tx and Rx of 10nF
Table 22. Peripheral current consumption
Symbol
Parameter
Typ. VDD = 3.0 V
Unit
IDD(TIM2)
TIM2 supply current(1)
1. Data based on a differential IDD measurement between all peripherals off and a timer counter running at 
16 MHz. The CPU is in Wait mode in both cases. No IC/OC programmed, no I/O pin toggling. Not tested in
production.
9
µA/MHz
IDD(TIM3)
TIM3 supply current(1)
9
IDD(TIM4)
TIM4 timer supply current(1)
4
IDD(USART)
USARTsupply current(2)
2. Data based on a differential IDD measurement between the on-chip peripheral when kept under reset and
not clocked and the on-chip peripheral when clocked and not kept under reset. The CPU is in Wait mode in
both cases. No I/O pin toggling. Not tested in production.
7
IDD(SPI)
SPI supply current(2)
4
IDD(I²C)
I2C supply current(2)
4
Table 23. ProxSense peripheral current consumption(1)
1. Data based on characterization, not tested in production
Symbol
ProxSense
transmitter
Tx
ProxSense
receiver
Rx
Typical
Unit
IDD(PXS)
11
0.6
mA
14
1.1
110
2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com