Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8TL52X4 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM8TL52X4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL52X4 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM8TL52X4 Datasheet HTML 30Page - STMicroelectronics STM8TL52X4 Datasheet HTML 31Page - STMicroelectronics STM8TL52X4 Datasheet HTML 32Page - STMicroelectronics STM8TL52X4 Datasheet HTML 33Page - STMicroelectronics STM8TL52X4 Datasheet HTML 34Page - STMicroelectronics STM8TL52X4 Datasheet HTML 35Page - STMicroelectronics STM8TL52X4 Datasheet HTML 36Page - STMicroelectronics STM8TL52X4 Datasheet HTML 37Page - STMicroelectronics STM8TL52X4 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 84 page
background image
Memory and register map
STM8TL52x4 STM8TL53x4
34/84
DocID022344 Rev 7
0X00 531A
PXS
PXS_MAXRH
ProxSense maximum counter value register high
0xFF
0x00 531B
PXS_MAXRL
ProxSense maximum counter value register low
0xFF
0x00 531C
PXS_MAXENRH
ProxSense maximum counter enable register high
0x00
0x00 531D
PXS_MAXENRL
ProxSense maximum counter enable register low
0x00
0x00 531E
PXS_RXSRH
ProxSense receiver status register high
0x00
0x00 531F
PXS_RXSRL
ProxSense receiver status register low
0x00
0x00 5320
PXS_RX0CNTRH
ProxSense counter register receiver channel high
0x00
0x00 5321
PXS_RX0CNTRL
ProxSense counter register receiver channel low
0x00
0x00 5322
PXS_RX1CNTRH
ProxSense counter register receiver channel high
0x00
0x00 5323
PXS_RX1CNTRL
ProxSense counter register receiver channel low
0x00
0x00 5324
PXS_RX2CNTRH
ProxSense counter register receiver channel high
0x00
0x00 5325
PXS
PXS_RX2CNTRL
ProxSense counter register receiver channel low
0x00
0x00 5326
PXS_RX3CNTRH
ProxSense counter register receiver channel high
0x00
0x00 5327
PXS_RX3CNTRL
ProxSense counter register receiver channel low
0x00
0x00 5328
PXS_RX4CNTRH
ProxSense counter register receiver channel high
0x00
0x00 5329
PXS_RX4CNTRL
ProxSense counter register receiver channel low
0x00
0x00 532A
PXS_RX5CNTRH
ProxSense counter register receiver channel high
0x00
0x00 532B
PXS_RX5CNTRL
ProxSense counter register receiver channel low
0x00
0x00 532C
PXS_RX6CNTRH
ProxSense counter register receiver channel high
0x00
0x00 532D
PXS_RX6CNTRL
ProxSense counter register receiver channel low
0x00
0x00 532E
PXS_RX7CNTRH
ProxSense counter register receiver channel high
0x00
0x00 532F
PXS_RX7CNTRL
ProxSense counter register receiver channel low
0x00
0x00 5330
PXS_RX8CNTRH
ProxSense counter register receiver channel high
0x00
0x00 5331
PXS_RX8CNTRL
ProxSense counter register receiver channel low
0x00
0x00 5332
PXS_RX9CNTRH
ProxSense counter register receiver channel high
0x00
0x00 5333
PXS_RX9CNTRL
ProxSense counter register receiver channel low
0x00
0x00 5334
to
0x00 533F
Reserved area (12 byte)
Table 7. General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com