Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8TL52X4 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM8TL52X4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL52X4 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM8TL52X4 Datasheet HTML 52Page - STMicroelectronics STM8TL52X4 Datasheet HTML 53Page - STMicroelectronics STM8TL52X4 Datasheet HTML 54Page - STMicroelectronics STM8TL52X4 Datasheet HTML 55Page - STMicroelectronics STM8TL52X4 Datasheet HTML 56Page - STMicroelectronics STM8TL52X4 Datasheet HTML 57Page - STMicroelectronics STM8TL52X4 Datasheet HTML 58Page - STMicroelectronics STM8TL52X4 Datasheet HTML 59Page - STMicroelectronics STM8TL52X4 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 84 page
background image
Electrical parameters
STM8TL52x4 STM8TL53x4
56/84
DocID022344 Rev 7
9.3.8
I/O port pin characteristics
General characteristics
Subject to general operating conditions for VDD and TA unless otherwise specified. All
unused pins must be kept at a fixed voltage: using the output mode of the I/O for example or
an external pull-up or pull-down resistor.
Figure 17. Typical pull-up resistance RPU vs. VDD with VIN=VSS
Table 31. I/O static characteristics (1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage(2)
Standard I/Os
VSS0.3
-
0.3 x VDD
V
VIH
Input high level voltage(2)
Standard I/Os
0.70 x VDD
-VDD+0.3
Vhys
Schmitt trigger voltage hysteresis(3)
Standard I/Os
-
200
-
mV
Ilkg
Input leakage current(4)
VSS VIN VDD
--
50
nA
VSS VIN Vreg Rx,
Tx I/Os
--
50
RPU
Weak pull-up equivalent resistor(5)
VIN VSS
30
45
60
k
CIO(6)
I/O pin capacitance
-
-
5
-
pF
1. VDD = 3.0 V, TA = 40 to 85 °C unless otherwise specified.
2. Data based on characterization results, not tested in production.
3. Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
4. The maximum value may be exceeded if negative current is injected on adjacent pins.
5. RPU pull-up equivalent resistor based on a resistive transistor (corresponding IPU current characteristics.
6. Data guaranteed by Design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com