Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8TL52X4 Datasheet(PDF) 79 Page - STMicroelectronics

Part # STM8TL52X4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL52X4 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM8TL52X4 Datasheet HTML 75Page - STMicroelectronics STM8TL52X4 Datasheet HTML 76Page - STMicroelectronics STM8TL52X4 Datasheet HTML 77Page - STMicroelectronics STM8TL52X4 Datasheet HTML 78Page - STMicroelectronics STM8TL52X4 Datasheet HTML 79Page - STMicroelectronics STM8TL52X4 Datasheet HTML 80Page - STMicroelectronics STM8TL52X4 Datasheet HTML 81Page - STMicroelectronics STM8TL52X4 Datasheet HTML 82Page - STMicroelectronics STM8TL52X4 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 84 page
background image
DocID022344 Rev 7
79/84
STM8TL52x4 STM8TL53x4
Part numbering
79
11
Part numbering
Table 44. Ordering information scheme
1. For a list of available options (e.g. memory size, package) and orderable part numbers or for further
information on any aspect of this device, please go to www.st.com or contact the ST Sales Office nearest to
you.
STM8
T
L
5
3
G
4
U
6
TR
Pin count
C = 48 pins
G = 28 pins
F = 20 pins
Package type
U = UFQFPN
P = TSSOP
Example:
Device family
L = low-power
Product type
T = Touch sensing
Temperature range
6 = -40 °C to +85 °C
Device type
STM8 microcontroller family
Program memory size
4 = 16 Kbyte
Shipping
TR = Tape and Reel
Blank = Tray
Sub-family type
5 = Projective capacitive sub-family
Peripheral set
2 = Light
3 = Basic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com