Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8TL52X4 Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM8TL52X4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL52X4 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM8TL52X4 Datasheet HTML 76Page - STMicroelectronics STM8TL52X4 Datasheet HTML 77Page - STMicroelectronics STM8TL52X4 Datasheet HTML 78Page - STMicroelectronics STM8TL52X4 Datasheet HTML 79Page - STMicroelectronics STM8TL52X4 Datasheet HTML 80Page - STMicroelectronics STM8TL52X4 Datasheet HTML 81Page - STMicroelectronics STM8TL52X4 Datasheet HTML 82Page - STMicroelectronics STM8TL52X4 Datasheet HTML 83Page - STMicroelectronics STM8TL52X4 Datasheet HTML 84Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 82 / 84 page
background image
Revision history
STM8TL52x4 STM8TL53x4
82/84
DocID022344 Rev 7
13
Revision history
Table 45. Document revision history
Date
Revision
Changes
14-Oct-2011
1
Initial release
04-Apr-2012
2
Added STM8TL52G4, STM8TL52F4, STM8TL53F4 part numbers
Added Figure 14, Figure 16, Figure 17, Figure 18, Figure 19,
Figure 20
, Figure 21, Figure 22, Figure 23, Figure 24, Figure 25,
Figure 26
Updated Figure 31 and Table 41
Added TSSOP20 package
06-Aug-2013
3
Removed “STICE” references and edited the text in Section 3.2:
Development tools
and Section 12: STM8 development tools.
In Table 7: General hardware register map:
– changed the Reset status from “0x00” to “0x01” on
“CLK_PCKENR2” row,
– split address block “0x00 5055 to 0x00 509F” into “0x00 5055 to
0x00 509D” with “Reserved, “0x00 509E” with “SYSCFG” and
“0x00 509F” with “Reserved”,
– added a footnote to RST_SR Reset status value,
– updated CLK_CCOR Reset status value to “0x10”.
Updated description of OPT0 in Table 11: Option byte description.
Updated VIN Max values in Table 13: Voltage characteristics.
Added Section 9.3.4: ProxSense Regulator Voltage.
Removed ACCHSI_PXS rows from Table 25: HSI_PXS oscillator
characteristics
and removed former Figure 17 Typical HSI_PXS
frequency vs. VDD
.
Added tprog and Iprog Max. values to Table 28: Flash program
memory
.
Removed VOL row with Conditions IIO=+20 mA and VDD=3.0 V from
Table 31: I/O static characteristics
.
Updated “ProxSense I/O” Conditions and Min. values in Table 32:
Output driving current (high sink ports)
.
Added Section 3.13: General purpose and basic timers.
07-Aug-2013
4
Updated OPT0 default value in Table 10: Option byte.
18-Mar-2015
5
Updated:
– Figure 27: SPI timing diagram - slave mode and CPHA = 0,
– Section 10.2: UFQFPN48 package information,
– Section 10.3: UFQFPN28 package information,
– Section 10.4: TSSOP20 package information.
Added:
– Figure 33: UFQFPN48 marking example (package top view),
– Figure 36: UFQFPN28 marking example (package top view),
– Figure 39: TSSOP20 marking example (package top view).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com