Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8TL52X4 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM8TL52X4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL52X4 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM8TL52X4 Datasheet HTML 37Page - STMicroelectronics STM8TL52X4 Datasheet HTML 38Page - STMicroelectronics STM8TL52X4 Datasheet HTML 39Page - STMicroelectronics STM8TL52X4 Datasheet HTML 40Page - STMicroelectronics STM8TL52X4 Datasheet HTML 41Page - STMicroelectronics STM8TL52X4 Datasheet HTML 42Page - STMicroelectronics STM8TL52X4 Datasheet HTML 43Page - STMicroelectronics STM8TL52X4 Datasheet HTML 44Page - STMicroelectronics STM8TL52X4 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
DocID022344 Rev 7
41/84
STM8TL52x4 STM8TL53x4
Option byte
41
Caution:
After a device reset, read access to the program memory is not guaranteed if address
0x4807 is not programmed to 0x00.
OPT2
DATASIZE[7:0]
Size of the data EEPROM area
0x00: no data EEPROM area
0x01: 1 page reserved for data storage from 0xBFC0 to 0xBFFF
0x02: 2 pages reserved for data storage from 0xBF80 to 0xBFFF
...
0x20: 32 pages reserved for data storage from 0xB800 to 0xBFFF
Refer to Data EEPROM (DATA) section in the STM8TL5xxx reference
manual (RM0312) for more details.
OPT3
PCODESIZE[7:0]
Size of the proprietary code area
0x00: No proprietary code area
0x03: TRAP vector and page 2 (0x8080 to 0x80BF) reserved for the
proprietary code and read/write protected
...
0xFF: TRAP vector and page 2 to 254 (0x8080 to 0xBFBF) reserved for
the proprietary code and read/write protected
Refer to Proprietary code area (PCODE) section in the STM8TLxxxx
Programming Manual(PM0212) for more details.
OPT4
IWDG_HW: Independent watchdog
0: Independent watchdog activated by software
1: Independent watchdog activated by hardware
IWDG_HALT: Independent window watchdog reset on Halt/Active-halt
0: Independent watchdog continues running in Halt/Active-halt mode
1: Independent watchdog stopped in Halt/Active-halt mode
WWDG_HW: Window watchdog
0: Window watchdog activated by software
1: Window watchdog activated by hardware
WWDG_HALT: Window watchdog reset on Halt/Active-halt
0: Window watchdog stopped in Halt/Active-halt mode
1: Window watchdog continues running in Halt/Active-halt mode
Table 11. Option byte description (continued)
Option byte number
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com