Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8TL52X4 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM8TL52X4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL52X4 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM8TL52X4 Datasheet HTML 32Page - STMicroelectronics STM8TL52X4 Datasheet HTML 33Page - STMicroelectronics STM8TL52X4 Datasheet HTML 34Page - STMicroelectronics STM8TL52X4 Datasheet HTML 35Page - STMicroelectronics STM8TL52X4 Datasheet HTML 36Page - STMicroelectronics STM8TL52X4 Datasheet HTML 37Page - STMicroelectronics STM8TL52X4 Datasheet HTML 38Page - STMicroelectronics STM8TL52X4 Datasheet HTML 39Page - STMicroelectronics STM8TL52X4 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 84 page
background image
Memory and register map
STM8TL52x4 STM8TL53x4
36/84
DocID022344 Rev 7
0x00 5350
PXS
PXS_RX0EPCCSELR
ProxSense receiver electrode parasitic
compensation capacitor selection register
0x00
0x00 5351
PXS_RX1EPCCSELR
ProxSense receiver electrode parasitic
compensation capacitor selection register
0x00
0x00 5352
PXS_RX2EPCCSELR
ProxSense receiver electrode parasitic
compensation capacitor selection register
0x00
0x00 5353
PXS_RX3EPCCSELR
ProxSense receiver electrode parasitic
compensation capacitor selection register
0x00
0x00 5354
PXS_RX4EPCCSELR
ProxSense receiver electrode parasitic
compensation capacitor selection register
0x00
0x00 5355
PXS_RX5EPCCSELR
ProxSense receiver electrode parasitic
compensation capacitor selection register
0x00
0x00 5356
PXS_RX6EPCCSELR
ProxSense receiver electrode parasitic
compensation capacitor selection register
0x00
0x00 5357
PXS_RX7EPCCSELR
ProxSense receiver electrode parasitic
compensation capacitor selection register
0x00
0x00 5358
PXS_RX8EPCCSELR
ProxSense receiver electrode parasitic
compensation capacitor selection register
0x00
0x00 5359
PXS_RX9EPCCSELR
ProxSense receiver electrode parasitic
compensation capacitor selection register
0x00
0x00 535A
to
0x00 7EFF
Reserved area (11174 byte)
1. After power-on reset.
Table 7. General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status
Table 8. CPU/SWIM/debug module/interrupt controller registers
Address
Block
Register label
Register name
Reset
status
0x00 7F00
CPU
A
Accumulator
0x00
0x00 7F01
PCE
Program counter extended
0x00
0x00 7F02
PCH
Program counter high
0x80
0x00 7F03
PCL
Program counter low
0x00
0x00 7F04
XH
X index register high
0x00
0x00 7F05
XL
X index register low
0x00
0x00 7F06
YH
Y index register high
0x00
0x00 7F07
YL
Y index register low
0x00
0x00 7F08
SPH
Stack pointer high
0x05
0x00 7F09
SPL
Stack pointer low
0xFF
0x00 7F0A
CC
Condition code register
0x28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com