Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8TL52X4 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM8TL52X4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL52X4 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM8TL52X4 Datasheet HTML 10Page - STMicroelectronics STM8TL52X4 Datasheet HTML 11Page - STMicroelectronics STM8TL52X4 Datasheet HTML 12Page - STMicroelectronics STM8TL52X4 Datasheet HTML 13Page - STMicroelectronics STM8TL52X4 Datasheet HTML 14Page - STMicroelectronics STM8TL52X4 Datasheet HTML 15Page - STMicroelectronics STM8TL52X4 Datasheet HTML 16Page - STMicroelectronics STM8TL52X4 Datasheet HTML 17Page - STMicroelectronics STM8TL52X4 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 84 page
background image
Product overview
STM8TL52x4 STM8TL53x4
14/84
DocID022344 Rev 7
3.6
Low power modes
To minimize power consumption, the product features three MCU low power modes:
Wait mode: CPU clock stopped, selected peripherals at full clock speed.
Active-halt mode:
–
When wakeup time is programmed in the AWU unit, the CPU and peripheral
clocks are stopped. The RAM content is preserved.
–
When a ProxSense acquisition is ongoing, the wakeup is on ProxSense interrupts;
the CPU and the other peripheral clocks are stopped.
Halt mode: CPU and peripheral clocks are stopped, the device remains powered on.
Wakeup is triggered by an external interrupt.
The ProxSense peripheral can return to low power mode between each conversion.
The ProxSense acquisition can be operated in Run, Wait and Active-halt modes.
3.7
Voltage regulators
The STM8TL5xx4 devices embed an internal voltage regulator for generating the 1.8 V
power supply for the core and peripherals and a second internal voltage regulator providing
a stable power supply (around 1.45V) for the ProxSense peripheral.
3.7.1
Dual-mode voltage regulator
This regulator has two different modes: main voltage regulator mode (MVR) and low power
voltage regulator mode (LPVR). When in Active-halt mode, the regulator remains in MVR if
ProxSense is active. When entering Halt or Active-halt modes, the system automatically
switches from the MVR to the LPVR in order to reduce current consumption unless
ProxSense is enabled.
3.7.2
ProxSense voltage regulator
This regulator provides a very stable voltage to power the ProxSense peripheral including
ProxSense pins in order to be independent of any power supply variations. This regulator is
switched on while the ProxSense peripheral is enabled (bit PXSEN = 1) and bit
LOW_POWER is set to ‘0’ in register PXS_CR1. Otherwise, when LOW_POWER is set to
‘1’, this regulator is only enabled during conversions (while CIPF = 1 and SYNCPF = 0).
3.8
Clock control
The STM8TL5xx4 embeds a robust clock controller. It is used to distribute the system clock
(SYSCLK) to the core and the peripherals and to manage clock gating for low power modes.
This system clock is a 16-MHz High Speed Internal RC oscillator (HSI RC), followed by a
programmable prescaler.
In addition, a 38 kHz low speed internal RC oscillator is used by the Independent watchdog
(IWDG) and Auto-wakeup unit (AWU).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com