Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8TL52X4 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM8TL52X4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL52X4 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM8TL52X4 Datasheet HTML 21Page - STMicroelectronics STM8TL52X4 Datasheet HTML 22Page - STMicroelectronics STM8TL52X4 Datasheet HTML 23Page - STMicroelectronics STM8TL52X4 Datasheet HTML 24Page - STMicroelectronics STM8TL52X4 Datasheet HTML 25Page - STMicroelectronics STM8TL52X4 Datasheet HTML 26Page - STMicroelectronics STM8TL52X4 Datasheet HTML 27Page - STMicroelectronics STM8TL52X4 Datasheet HTML 28Page - STMicroelectronics STM8TL52X4 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 84 page
background image
DocID022344 Rev 7
25/84
STM8TL52x4 STM8TL53x4
Pin description
25
40 23 19
PD5/PXS_TX5(4)
/ TIM2_CH2
I/O TC
X
X
X
HS
X
X
Port D5
ProxSense
transmitter 5(4)
-
Timer 2 -
channel 2
-
41 24 20
PD6/PXS_TX6(4)
/ TIM3_CH1
I/O TC
X
X
X
HS
X
X
Port D6
ProxSense
transmitter 6(4)
-
Timer 3 -
channel1
-
42 25
PD7/PXS_TX7(4)
/ TIM3_CH2
I/O TC
X
X
X
HS
X
X
Port D7
ProxSense
transmitter 7(4)
-
Timer 3 -
channel 2
-
43 26
1
PB0/PXS_TX8(4)
/ TIM3_ETR
I/O TC
X
X
X
HS
X
X
Port B0
ProxSense
transmitter 8(4)
-
Timer 3 -
external trigger
-
44
--
PB1(2)/PXS_TX9
/ TIM2_ETR
I/O TC
X
X
X
HS
X
X
Port B1
ProxSense
transmitter 9
-
--
Timer 2 -
external trigger
-
45
-
-
PB2/PXS_TX10
I/O TC
X
X
X
HS
X
X
Port B2
ProxSense
transmitter 10
-
46
-
-
PB3/PXS_TX11
I/O TC
X
X
X
HS
X
X
Port B3
ProxSense
transmitter 11
-
47
-
-
PB4/PXS_TX12
I/O TC
X
X
X
HS
X
X
Port B4
ProxSense
transmitter 12
-
48
-
-
PB5/PXS_TX13
I/O TC
X
X
X
HS
X
X
Port B5
ProxSense
transmitter 13
-
1. The PA0/SWIM pin is in input pull-up during the reset phase and after reset release.
2. A pull-up is applied to PA2, PA3 and PB1 during the reset phase. These three pins are input floating after reset release.
3. At power-up, the PA5/NRST pin is a reset input pin with pull-up. To be used as a general purpose pin (PA5), it can be
configured only as output open-drain or push-pull, not as a general purpose input. Refer to Section Configuring NRST/PA5
pin as general purpose output in the STM8TL5xxx reference manual (RM0312).
4. Not available for STM8TL52xx.
Table 4. STM8TL5xx4 pin description (continued)
Pin no.
Pin name
Input
Output
Alternate function
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com