Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8TL52X4 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM8TL52X4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL52X4 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM8TL52X4 Datasheet HTML 36Page - STMicroelectronics STM8TL52X4 Datasheet HTML 37Page - STMicroelectronics STM8TL52X4 Datasheet HTML 38Page - STMicroelectronics STM8TL52X4 Datasheet HTML 39Page - STMicroelectronics STM8TL52X4 Datasheet HTML 40Page - STMicroelectronics STM8TL52X4 Datasheet HTML 41Page - STMicroelectronics STM8TL52X4 Datasheet HTML 42Page - STMicroelectronics STM8TL52X4 Datasheet HTML 43Page - STMicroelectronics STM8TL52X4 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 84 page
background image
Option byte
STM8TL52x4 STM8TL53x4
40/84
DocID022344 Rev 7
7
Option byte
Option byte contain configurations for device hardware features as well as the memory
protection of the device. They are stored in a dedicated row of the memory.
All option byte can be modified only in ICP mode (with SWIM) by accessing the EEPROM
address. See Table 10 for details on option byte addresses.
Refer to the STM8TL5xxx Flash programming manual (PM0212) and STM8 SWIM and
debug manual (UM0470) for information on SWIM programming procedures.
Table 10. Option byte
Addr.
Option name
Option
byte
No.
Option bits
Factory
default
setting
76
5
4
3
2
1
0
0x4800
Read-out
protection (ROP)
OPT0
ROP[7:0]
0xAA
0x4801
-
-
Must be programmed to 0x00
0x00
0x4802
User Boot code
size (UBC)
OPT1
UBC[7:0]
0x00
0x4803
DATASIZE
OPT2
DATASIZE[7:0]
0x00
0x4807
PCODESIZE
OPT3
PCODESIZE[7:0]
0x00
0x4808
Window watchdog
and independent
window watchdog
OPT4
[3:0]
Reserved
WWDG
_HALT
WWDG
_HW
IWDG
_HALT
IWDG
_HW
0x00
Table 11. Option byte description
Option byte number
Description
OPT0
ROP[7:0] Memory readout protection (ROP)
0xAA: Readout protection disabled (write access via SWIM protocol)
Refer to Read-out protection section in the STM8TL5xxx reference
manual (RM0312) for details.
OPT1
UBC[7:0] Size of the user boot code area
0x00: no UBC
0x01-0x02: UBC contains only the interrupt vectors.
0x03: Page 0 and 1 reserved for the interrupt vectors. Page 2 is
available to store user boot code. Memory is write protected
...
0xFF: Page 0 to 254 reserved for UBC, memory is write protected
Refer to User boot area (UBC) section in the STM8TL5xxx reference
manual (RM0312) for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com