Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8TL52X4 Datasheet(PDF) 54 Page - STMicroelectronics

Part # STM8TL52X4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL52X4 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STM8TL52X4 Datasheet HTML 50Page - STMicroelectronics STM8TL52X4 Datasheet HTML 51Page - STMicroelectronics STM8TL52X4 Datasheet HTML 52Page - STMicroelectronics STM8TL52X4 Datasheet HTML 53Page - STMicroelectronics STM8TL52X4 Datasheet HTML 54Page - STMicroelectronics STM8TL52X4 Datasheet HTML 55Page - STMicroelectronics STM8TL52X4 Datasheet HTML 56Page - STMicroelectronics STM8TL52X4 Datasheet HTML 57Page - STMicroelectronics STM8TL52X4 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 84 page
background image
Electrical parameters
STM8TL52x4 STM8TL53x4
54/84
DocID022344 Rev 7
Figure 16. Typical LSI frequency vs. VDD
9.3.7
Memory characteristics
TA = 40 to 85°C unless otherwise specified.
RAM characteristics
Flash memory characteristics
Table 27. RAM and hardware registers
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VRM
Data retention mode (1)
1. Minimum supply voltage without losing data stored in RAM (in Halt mode or under Reset) or in hardware
registers (only in Halt mode). Guaranteed by characterization, not tested in production.
Halt mode (or Reset)
1.4
-
-
V
Table 28. Flash program memory
Symbol
Parameter
Conditions
Min.
Typ.
Max.(1)
Unit
VDD
Operating voltage
(all modes, read/write/erase)
fMASTER = 16 MHz
1.65
-
3.6
V
tprog
Programming time for 1 or 64 byte (block)
erase/write cycles (on programmed byte)
-6-
ms
Programming time for 1 to 64 byte (block)
write cycles (on erased byte)
-3-
ms
Iprog
Programming/ erasing consumption
TA+25 °C, VDD = 3.0 V
-
0.7
-
mA
TA+25 °C, VDD = 1.8 V
-
-
1. Data based on characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com