Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F2020 Datasheet(PDF) 47 Page - Holtek Semiconductor Inc

Part # HT45F2020
Description  Sound Effect Generator Flash MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2020 Datasheet(HTML) 47 Page - Holtek Semiconductor Inc

Back Button HT45F2020 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 46Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 51Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 85 page
background image
Rev. 1.00
46
April 11, 2017
Rev. 1.00
47
April 11, 2017
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
Bit3
PTON:PTMCounterOn/Offcontrol
0:Off
1:On
Thisbitcontrolstheoverallon/offfunctionofthePTM.Settingthebithighenables
thecountertorunwhileclearingthebitdisablesthePTM.Clearingthisbittozero
willstopthecounterfromcountingandturnoffthePTMwhichwillreduceitspower
consumption.Whenthebitchangesstatefromlowtohightheinternalcountervalue
willberesettozero,howeverwhenthebitchangesfromhightolow,theinternal
counterwillretainitsresidualvalueuntilthebitreturnshighagain.IfthePTMisin
theCompareMatchOutputModeorthePWMoutputModeorSinglePulseOutput
Mode,thenthePTMoutputpinwillberesettoitsinitialcondition,asspecifiedbythe
PTOCbit,whenthePTONbitchangesfromlowtohigh.
Bit2~0
Unimplemented,readas“0”
PTMC1 Register
Bit
7
6
5
4
3
2
1
0
Name
PTM1
PTM0
PTIO1
PTIO0
PTOC
PTPOL PTCAPTS PTCCLR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
PTM1~PTM0:SelectPTMOperatingMode
00:CompareMatchOutputMode
01:CaptureInputMode
10:PWMOutputModeorSinglePulseOutputMode
11:Timer/CounterMode
ThesebitssetuptherequiredoperatingmodeforthePTM.Toensurereliableoperation
thePTMshouldbeswitchedoffbeforeanychangesaremadetothePTM1andPTM0
bits.IntheTimer/CounterMode,thePTMoutputpincontrolwillbedisabled.
Bit5~4
PTIO1~PTIO0:SelectPTMexternalpinPTPorPTPIfunction
CompareMatchOutputMode
00:Nochange
01:Outputlow
10:Outputhigh
11:Toggleoutput
PWMOutputMode/SinglePulseOutputMode
00:PWMoutputinactivestate
01:PWMoutputactivestate
10:PWMoutput
11:SinglePulseOutput
CaptureInputMode
00:InputcaptureatrisingedgeofPTPIorPTCK
01:InputcaptureatfallingedgeofPTPIorPTCK
10:Inputcaptureatrising/fallingedgeofPTPIorPTCK
11:Inputcapturedisabled
Timer/CounterMode
Unused
ThesetwobitsareusedtodeterminehowthePTMoutputpinchangesstatewhena
certainconditionisreached.Thefunctionthatthesebitsselectdependsuponinwhich
modethePTMisrunning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com