Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F2020 Datasheet(PDF) 40 Page - Holtek Semiconductor Inc

Part # HT45F2020
Description  Sound Effect Generator Flash MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2020 Datasheet(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT45F2020 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 44Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 85 page
background image
Rev. 1.00
40
April 11, 2017
Rev. 1.00
41
April 11, 2017
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
Pin-shared Functions
Theflexibilityofthemicrocontrollerrangeisgreatlyenhancedbytheuseofpinsthathavemore
thanonefunction.Limitednumbersofpinscanforceseriousdesignconstraintsondesignersbutby
supplyingpinswithmulti-functions,manyofthesedifficultiescanbeovercome.Forthesepins,the
desiredfunctionofthemulti-functionI/Opinsisselectedbytheapplicationprogramcontrol.
Pin-shared Function Selection Registers
Thelimitednumberofsuppliedpinsinapackagecanimposerestrictionsontheamountoffunctions
acertaindevicecancontain.Howeverbyallowingthesamepinstoshareseveraldifferentfunctions
andprovidingameansoffunctionselection,awiderangeofdifferentfunctionscanbeincorporated
intoevenrelativelysmallpackagesizes.ThedeviceincludesPortAoutputfunctionselection
register“n”,labeledasPASn,whichcanselectthedesiredfunctionsofthemulti-functionpin-shared
pins.
Whenthepin-sharedinputfunctionisselectedtobeused,thecorrespondinginputandoutput
functionsselectionshouldbeproperlymanaged.
Themostimportantpointtonoteistomakesurethatthedesiredpin-sharedfunctionisproperly
selectedandalsodeselected.Toselectthedesiredpin-sharedfunction,thepin-sharedfunction
shouldfirstbecorrectlyselectedusingthecorrespondingpin-sharedcontrolregister.Afterthatthe
correspondingperipheralfunctionalsettingshouldbeconfiguredandthentheperipheralfunction
canbeenabled.Tocorrectlydeselectthepin-sharedfunction,theperipheralfunctionshouldfirstbe
disabledandthenthecorrespondingpin-sharedfunctioncontrolregistercanbemodifiedtoselect
otherpin-sharedfunctions.
PAS0 Register
Bit
7
6
5
4
3
2
1
0
Name
PAS07
PAS06
PAS05
PAS04
PAS03
PAS02
PAS01
PAS00
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
PAS07~PAS06:PA3pinfunctionselection
0x:PA3
10:PTP
11:PTPB
Bit5~4
PAS05~PAS04:PA2pinfunctionselection
00:PA2/PTCK
01:PA2/PTCK
10:PA2/PTCK
11:PA2/PTCK
Bit3~2
PAS03~PAS02:PA1pinfunctionselection
0x:PA1
10:PTP
11:PTPB
Bit1~0
PAS01~PAS00:PA0pinfunctionselection
00:PA0/PTPI
01:PA0/PTPI
10:PA0/PTPI
11:PA0/PTPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com