Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F2020 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT45F2020
Description  Sound Effect Generator Flash MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2020 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT45F2020 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
Rev. 1.00
10
April 11, 2017
Rev. 1.00
11
April 11, 2017
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VIH
Input High Voltage for I/O Ports
5V
—
3.5
—
5
V
—
—
0.8VDD —
VDD
V
IOL
Sink Current for I/O Port
3V VOL=0.1VDD
18
36
—
mA
5V VOL=0.1VDD
40
80
—
mA
IOH
Source Current for I/O Ports
3V VOH=0.9VDD
-3
-6
—
mA
5V VOH=0.9VDD
-7
-14
—
mA
RPH
Pull-high Resistance for I/O Ports and
OCDS pins
3V
—
20
60
100
kΩ
5V
—
10
30
50
kΩ
ILEAK
Input Leakage Current
3V
VIN=VDD or VIN=VSS
—
—
±1
μA
5V
—
—
±1
μA
IOCDS
Operating Current (Normal Mode)
3V No load, f
SYS
=fHIRC=8MHz,
WDT enable
—
1.4
2.0
mA
Note:FortheHT45F2020anexternalresistorshouldbeseriallyconnectedbetweenthesupplypowerandVDD
pin.Refertothe“ShuntRegulator”sectionforthedetails.
A.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
fSYS
System Clock (HIRC)
2.2V~5.5V fSYS=fHIRC=8MHz
—
8
—
MHz
System Clock (LIRC)
2.2V~5.5V fSYS=fLIRC=32kHz
—
32
—
kHz
fHIRC
High Speed Internal RC Oscillator
(HIRC)
3V/5V
Ta=25°C
-2%
8
+2% MHz
3V/5V
Ta=0°C to 70°C
-5%
8
+5% MHz
2.2V~5.5V Ta=0°C to 70°C
-8%
8
+8% MHz
2.2V~5.5V Ta=-40°C to 85°C
-12%
8
+12% MHz
fLIRC
Low Speed Internal RC Oscillator
(LIRC)
2.2V~5.5V Ta=-40°C ~ 85°C
8
32
50
kHz
2.2V~5.5V Ta=-40°C ~ 85°C
8
32
50
kHz
tTCK
PTCK Input Pin Minimum Pulse Width
—
—
0.3
—
—
μs
tTPI
PTPI Input Pin Minimum Pulse Width
—
—
0.3
—
—
μs
tRSTD
System Reset Delay Time
(POR Reset, WDT Software Reset)
—
—
25
50
100
ms
System Reset Delay Time
(WDT Time-out Hardware Cold Reset)
—
—
8.3
16.7 33.3
ms
tSST
System Start-up Timer Period (Wake-up
from Power Down Mode and fSYS Off)
—
fSYS=fH ~ fH/64, fH=fHIRC
16
—
—
tHIRC
—
fSYS=fSUB=fLIRC
2
—
—
tLIRC
System Start-up Timer Period
(Slow Mode ↔ Normal Mode)
—
fHIRC off → on
(HIRCF=1)
16
—
—
tHIRC
System Start-up Timer Period (Wake-up
from Power Down Mode and fSYS On)
—
fSYS=fH ~ fH/64, fSYS=fHIRC
2
—
—
fH
—
fSYS=fLIRC
2
—
—
fSUB
System Start-up Timer Period
(WDT Time-out Hardware Cold Reset)
—
—
0
—
—
fH
tSRESET
Minimum Software Reset Width to Reset
—
—
45
90
250
μs
Note:1.tSYS=1/fSYS
2.TomaintaintheaccuracyoftheinternalHIRCoscillatorfrequency,a0.1μFdecouplingcapacitorshould
beconnectedbetweenVDDandVSSandlocatedasclosetothedeviceaspossible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com