Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F2020 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT45F2020
Description  Sound Effect Generator Flash MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2020 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT45F2020 Datasheet HTML 2Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 85 page
background image
Rev. 1.00
6
April 11, 2017
Rev. 1.00
7
April 11, 2017
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
General Description
ThisseriesofdevicesareMCUbasedwaveformgeneratorsespeciallydesignedforproductswhich
requirecustomsoundeffectgeneration.TheinternalmicrocontrollersareFlashMemory8-bit
highperformanceRISCarchitecturetype.OfferinguserstheconvenienceofFlashMemorymulti-
programmingfeatures,thedevicesalsoincludesawiderangeofadditionalfunctionsandfeaturesto
assistwiththeircustomaudiogeneration.OthermemoryincludesanareaofRAMDataMemory.
AnextremelyflexibleTimerModuleprovidestiming,pulsegeneration,captureinput,compare
matchoutputandPWMgenerationfunctions.ProtectivefeaturessuchasaninternalWatchdog
TimercoupledwithexcellentnoiseimmunityandESDprotectionensurethatreliableoperationis
maintainedinhostileelectricalenvironments.
Afullchoiceofinternalhighspeedandlowspeedoscillatorfunctionsareprovidedwhichrequire
noexternalcomponentsfortheirimplementation.Theabilitytooperateandswitchdynamically
betweenarangeofoperatingmodesusingdifferentclocksourcesgivesuserstheabilitytooptimise
microcontrolleroperationandminimisepowerconsumption.Additionally,aninternal5.0Vshunt
regulatorisintegratedwithintheHT45F2020deviceofferingvoltageregulationfeaturesforawide
rangeofinputoperatingvoltages.
WhenusedalongsideHoltek’ssoftwaredevelopmentplatform,designersareprovidedwiththesuite
oftoolstoenabletheeasygenerationandmixingofaudiofrequenciesforthecreationofcustom
soundeffects.TheinclusionofflexibleI/Oprogrammingfeatures,Time-Basefunctionalongwith
manyotherfeaturesensurethatthedevicewillfindexcellentuseinapplicationssuchascars,
motorcyclesandelectronicvehiclessecurityalarmapplicationsaswellasmanyothersetc.
Selection Table
Thedevicesinthisseriesoffersimilarfunctionsdifferingonlyintheinclusionofashuntregulator,
whichresultsindifferentoperatingvoltagerange.
Part No.
VDD
Program
Memory
Data
Memory I/O Timer Module
Time
Base
Shunt
Regulator Stacks Package
HT45F2020
4.75V~
5.25V
1K×14
32×8
4
10-bit PTM×1
1
√
2
SOT23-6
8SOP
HT45F2022
2.2V~
5.5V
1K×14
32×8
4
10-bit PTM×1
1
─
2
SOT23-6
8SOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com