Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F2020 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT45F2020
Description  Sound Effect Generator Flash MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2020 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT45F2020 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 85 page
background image
Rev. 1.00
34
April 11, 2017
Rev. 1.00
35
April 11, 2017
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
Reset and Initialisation
Aresetfunctionisafundamentalpartofanymicrocontrollerensuringthatthedevicecanbeset
tosomepredeterminedconditionirrespectiveofoutsideparameters.Themostimportantreset
conditionisafterpowerisfirstappliedtothemicrocontroller.Inthiscase,internalcircuitrywill
ensurethatthemicrocontroller,afterashortdelay,willbeinawell-definedstateandreadyto
executethefirstprograminstruction.Afterthispower-onreset,certainimportantinternalregisters
willbesettodefinedstatesbeforetheprogramcommences.OneoftheseregistersistheProgram
Counter,whichwillberesettozeroforcingthemicrocontrollertobeginprogramexecutionfromthe
lowestProgramMemoryaddress.
AnothertypeofresetiswhentheWatchdogTimeroverflowsandresets.Alltypesofresetoperations
resultindifferentregisterconditionsbeingsetup.
Reset Functions
Therearethreewaysinwhicharesetcanoccur,eachofwhichwillbedescribedasfollows.
Power-on Reset
Themostfundamentalandunavoidableresetistheonethatoccursafterpowerisfirstappliedto
themicrocontroller.AswellasensuringthattheProgramMemorybeginsexecutionfromthefirst
memoryaddress,apower-onresetalsoensuresthatcertainotherregistersarepresettoknown
conditions.AlltheI/Oportandportcontrolregisterswillpowerupinahighconditionensuringthat
allI/Oportswillbefirstsettoinputs.
VDD
Power-on Reset
SST Time-out
tRSTD
Note:tRSTDispower-ondelaywithtypicaltime=50ms
Power-On Reset Timing Chart
Watchdog Time-out Reset during Normal Operation
TheWatchdogtime-outResetduringnormaloperationisalittledifferentfromPower-onreset.Most
oftheconditionsremainunchangedexceptthattheWatchdogtime-outflagTOwillbesetto“1”.
WDT Time-out
Internal Reset
tRSTD + tSST
Note:tRSTDispower-ondelaywithtypicaltime=16.7ms
WDT Time-out Reset during Normal Operation Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com