Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F2020 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT45F2020
Description  Sound Effect Generator Flash MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2020 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT45F2020 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
Rev. 1.00
8
April 11, 2017
Rev. 1.00
9
April 11, 2017
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
Pin Description
Withtheexceptionofthepowerpins,allpinsonthedevicecanbereferencedbyitsPortname,e.g.
PA0,PA1etc.,whichrefertothedigitalI/Ofunctionofthepins.HoweverthesePortpinsarealso
sharedwithotherfunctionsuchastheTimerModulepinsetc.Thefunctionofeachpinislistedin
thefollowingtable,howeverthedetailsbehindhoweachpinisconfigurediscontainedinother
sectionsofthedatasheet.
Pin Name
Function
OPT
I/T
O/T
Description
PA0/PTPI/ICPDA
PA0
PAPU
PAWU
PAS0
ST
CMOS General purpose I/O.
Register enabled pull-high and wake-up.
PTPI
PAS0
ST
—
PTM capture input
ICPDA
—
ST
CMOS ICP Address/Data
PA1/PTP/PTPB
PA1
PAPU
PAWU
PAS0
ST
CMOS General purpose I/O.
Register enabled pull-high and wake-up.
PTP
PAS0
—
CMOS PTM output
PTPB
PAS0
—
CMOS PTM inverted output
PA2/PTCK/ICPCK
PA2
PAPU
PAWU
PAS0
ST
CMOS General purpose I/O.
Register enabled pull-high and wake-up.
PTCK
PAS0
ST
—
PTM clock input
ICPCK
—
ST
—
ICP Clock pin
PA3/PTP/PTPB
PA3
PAPU
PAWU
PAS0
ST
CMOS General purpose I/O.
Register enabled pull-high and wake-up.
PTP
PAS0
—
CMOS PTM output
PTPB
PAS0
—
CMOS PTM inverted output
VDD
VDD
—
PWR
—
Power Supply
VSS
VSS
—
PWR
—
Ground
The following pin are only for the HT45V2020/HT45V2022
NC
NC
—
—
—
No connection
OCDSDA
OCDSDA
—
ST
CMOS OCDS Address/Data, for EV chip only
OCDSCK
OCDSCK
—
ST
—
OCDS Clock pin, for EV chip only
Legend:I/T:Inputtype
O/T:Outputtype
OPT:Optionalbyregisteroption
PWR:Power
ST:SchmittTriggerinput
CMOS:CMOSoutput



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com