Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F2020 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT45F2020
Description  Sound Effect Generator Flash MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2020 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT45F2020 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 85 page
background image
Rev. 1.00
18
April 11, 2017
Rev. 1.00
19
April 11, 2017
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
Special Purpose Data Memory
This area of Data Memory is where registers, necessary for the correct operation of the
microcontroller,arestored.Mostoftheregistersarebothreadableandwriteablebutsomeare
protectedandarereadableonly,thedetailsofwhicharelocatedundertherelevantSpecialFunction
Registersection.Notethatforlocationsthatareunused,anyreadinstructiontotheseaddresseswill
returnthevalue“00H”.
00H
IAR0
01H
MP0
02H
IAR1
03H
MP1
04H
05H
ACC
06H
PCL
07H
TBLP
08H
TBLH
09H
RSTFC
0AH
STATUS
0BH
0CH
0DH
0EH
0FH
10H
11H
12H
19H
18H
1BH
1AH
1DH
1CH
1FH
1EH
13H
14H
15H
16H
17H
HIRCC
PAPU
PAWU
20H
21H
22H
29H
28H
2AH
2BH
23H
24H
25H
26H
27H
PTMRPH
PA
PAC
PTMRPL
PAS0
INTC0
INTC1
MFI
WDTC
TBC
PTMDH
PTMC1
PTMC0
PTMDL
PTMAH
Bank 0
Bank0
2EH
30H
31H
32H
33H
34H
35H
36H
37H
38H
3FH
PTMAL
2CH
2DH
: Unused, read as "00"
2FH
PSCR
SCC
Special Purpose Data Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com