Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F2020 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT45F2020
Description  Sound Effect Generator Flash MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2020 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT45F2020 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
Rev. 1.00
8
April 11, 2017
Rev. 1.00
9
April 11, 2017
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
Absolute Maximum Ratings
SupplyVoltage...................................................................................................VSS-0.3VtoVSS+6.0V
InputVoltage.....................................................................................................VSS-0.3VtoVDD+0.3V
StorageTemperature..................................................................................................... -50°Cto125°C
OperatingTemperature................................................................................................... -40°Cto85°C
IOLTotal....................................................................................................................................... 80mA
IOHTotal...................................................................................................................................... -80mA
TotalPowerDissipation........................................................................................................... 500mW
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“Absolute
MaximumRatings”maycausesubstantialdamagetothedevice.Functionaloperationofthis
deviceatotherconditionsbeyondthoselistedinthespecificationisnotimpliedandprolonged
exposuretoextremeconditionsmayaffectdevicereliability.
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Operating Voltage – HT45F2022
—
—
2.2
—
5.5
V
Operating Voltage* – HT45F2020
—
—
4.75
—
5.25
V
IDD
Operating Current (HIRC)
3V No load, all peripherals off,
fSYS=fHIRC=8MHz
—
1.0
2.0
mA
5V
—
2.0
3.0
mA
3V No load, all peripherals off,
fSYS=fHIRC/2 , fHIRC=8MHz
—
1.0
1.5
mA
5V
—
1.5
2.0
mA
3V No load, all peripherals off,
fSYS=fHIRC/4 , fHIRC=8MHz
—
0.9
1.3
mA
5V
—
1.3
1.8
mA
3V No load, all peripherals off,
fSYS=fHIRC/8 , fHIRC=8MHz
—
0.8
1.1
mA
5V
—
1.1
1.6
mA
3V No load, all peripherals off,
fSYS=fHIRC/16 , fHIRC=8MHz
—
0.7
1.0
mA
5V
—
1.0
1.4
mA
3V No load, all peripherals off,
fSYS=fHIRC/32 , fHIRC=8MHz
—
0.6
0.9
mA
5V
—
0.9
1.2
mA
3V No load, all peripherals off,
fSYS=fHIRC/64 , fHIRC=8MHz
—
0.5
0.8
mA
5V
—
0.8
1.1
mA
Operating Current (LIRC)
3V No load, all peripherals off,
fSYS=fLIRC=32kHz
—
10
20
μA
5V
—
30
50
μA
ISTB
Standby Current (SLEEP Mode)
3V No load, all peripherals off,
WDT off
—
0.2
0.8
μA
5V
—
0.5
1
μA
3V No load, all peripherals off,
WDT on
—
1.3
5.0
μA
5V
—
2.2
10
μA
Standby Current (IDLE0 Mode)
3V No load, all peripherals off,
fSUB on
—
1.3
3.0
μA
5V
—
5.0
10
μA
Standby Current
(IDLE1 Mode, HIRC)
3V No load, all peripherals off,
fSUB on, fSYS=fHIRC=8MHz
—
0.8
1.6
mA
5V
—
1.0
2.0
mA
VIL
Input Low Voltage for I/O Ports
5V
—
0
—
1.5
V
—
—
0
— 0.2VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com