Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F2020 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT45F2020
Description  Sound Effect Generator Flash MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2020 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT45F2020 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 85 page
background image
Rev. 1.00
24
April 11, 2017
Rev. 1.00
25
April 11, 2017
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
High Speed Internal RC Oscillator – HIRC
ThehighspeedinternalRCoscillatorisafullyintegratedsystemoscillatorrequiringnoexternal
components.TheinternalRCoscillatorhasafixedfrequencyof8MHz.Devicetrimmingduring
themanufacturingprocessandtheinclusionofinternalfrequencycompensationcircuitsareused
toensurethattheinfluenceofthepowersupplyvoltage,temperatureandprocessvariationson
theoscillationfrequencyareminimised.Asaresult,atapowersupplyofeither3Vor5Vandata
temperatureof25°Cdegrees,thefixedoscillationfrequencyof8MHzwillhaveatolerancewithin
2%.
Internal 32kHz Oscillator – LIRC
Theinternal32kHzSystemOscillatoristhelowfrequencyoscillator.Itisafullyintegrated
RCoscillatorwithatypicalfrequencyof32kHzat5V,requiringnoexternalcomponentsforits
implementation.Devicetrimmingduringthemanufacturingprocessandtheinclusionofinternal
frequencycompensationcircuitsareusedtoensurethattheinfluenceofthepowersupplyvoltage,
temperatureandprocessvariationsontheoscillationfrequencyareminimised.
Supplementary Oscillators
Thelowspeedoscillator,inadditiontoprovidingasystemclocksourceisalsousedtoprovide
aclocksourcetotwootherdevicefunctions.ThesearetheWatchdogTimerandtheTimeBase
Interrupts.
Operating Modes and System Clocks
Presentdayapplicationsrequirethattheirmicrocontrollershavehighperformancebutoftenstill
demandthattheyconsumeaslittlepoweraspossible,conflictingrequirementsthatareespecially
trueinbatterypoweredportableapplications.Thefastclocksrequiredforhighperformancewill
bytheirnatureincreasecurrentconsumptionandofcoursevice-versa,lowerspeedclocksreduce
currentconsumption.AsHoltekhasprovidedthedevicewithbothhighandlowspeedclocksources
andthemeanstoswitchbetweenthemdynamically,theusercanoptimisetheoperationoftheir
microcontrollertoachievethebestperformance/powerratio.
System Clocks
ThedevicehasdifferentclocksourcesforboththeCPUandperipheralfunctionoperation.By
providingtheuserwithawiderangeofclockselectionsusingregisterprogramming,aclocksystem
canbeconfiguredtoobtainmaximumapplicationperformance.
Themainsystemclock,cancomefromeitherahighfrequency,fH,orlowfrequency,fSUB,source,
andisselectedusingtheCKS2~CKS0bitsintheSCCregister.Thehighspeedsystemclockis
sourcedfromtheHIRCoscillator.ThelowspeedsystemclocksourcecanbesourcedfromtheLIRC
oscillator.Theotherchoice,whichisadividedversionofthehighspeedsystemoscillatorhasa
rangeoffH/2~fH/64.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com