Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F2020 Datasheet(PDF) 64 Page - Holtek Semiconductor Inc

Part # HT45F2020
Description  Sound Effect Generator Flash MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2020 Datasheet(HTML) 64 Page - Holtek Semiconductor Inc

Back Button HT45F2020 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 68Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 85 page
background image
Rev. 1.00
64
April 11, 2017
Rev. 1.00
65
April 11, 2017
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
TBC Register
Bit
7
6
5
4
3
2
1
0
Name
TBON
—
—
—
—
TB2
TB1
TB0
R/W
R/W
—
—
—
—
R/W
R/W
R/W
POR
0
—
—
—
—
0
0
0
Bit7
TBON:TimeBaseEnableControl
0:Disable
1:Enable
Bit6~3
Unimplemented,readas“0”
Bit2~0
TB2~TB0:TimeBasetime-outperiodselection
000:28/fPSC
001:29/fPSC
010:210/fPSC
011:211/fPSC
100:212/fPSC
101:213/fPSC
110:214/fPSC
111:215/fPSC
Timer Module Interrupts
ThePTMhastwointerruptswhicharebothcontainedwithintheMulti-functionInterrupt.For
thePTMtherearetwointerruptrequestflagsPTMPFandPTMAFandtwoenablebitsPTMPE
andPTMAE.APTMinterruptrequestwilltakeplacewhenanyofthePTMrequestflagsisset,a
situationwhichoccurswhenaPTMcomparatorPorcomparatorAmatchsituationhappens.
Toallowtheprogramtobranchtoitsrespectiveinterruptvectoraddress,theglobalinterruptenable
bit,EMI,andtherespectivePTMInterruptenablebit,andtheassociatedMulti-functioninterrupt
enablebit,MFF,mustfirstbeset.Whentheinterruptisenabled,thestackisnotfullandaPTM
comparatormatchsituationoccurs,asubroutinecalltotherelevantPTMInterruptvectorlocations,
willtakeplace.WhenthePTMinterruptisserviced,theEMIbitwillbeautomaticallycleared
todisableotherinterrupts,howeveronlytherelatedMFFflagwillbeautomaticallycleared.As
thePTMinterruptrequestflagswillnotbeautomaticallycleared,theyhavetobeclearedbythe
applicationprogram.
Interrupt Wake-up Function
Eachoftheinterruptfunctionshasthecapabilityofwakingupthemicrocontrollerwheninthe
SLEEPorIDLEMode.Awake-upisgeneratedwhenaninterruptrequestflagchangesfromlowto
highandisindependentofwhethertheinterruptisenabledornot.Caremustthereforebetakenif
spuriouswake-upsituationsaretobeavoided.Ifaninterruptwake-upfunctionistobedisabledthen
thecorrespondinginterruptrequestflagshouldbesethighbeforethedeviceenterstheSLEEPor
IDLEMode.Theinterruptenablebitshavenoeffectontheinterruptwake-upfunction.
Programming Considerations
Bydisablingtherelevantinterruptenablebits,arequestedinterruptcanbepreventedfrombeing
serviced,however,onceaninterruptrequestflagisset,itwillremaininthisconditioninthe
interruptregisteruntilthecorrespondinginterruptisservicedoruntiltherequestflagisclearedby
theapplicationprogram.
WhereacertaininterruptiscontainedwithinaMulti-functioninterrupt,thenwhentheinterrupt
serviceroutineisexecuted,asonlytheMulti-functioninterruptrequestflags,MFF,willbe
automaticallycleared,theindividualrequestflagforthefunctionneedstobeclearedbythe
applicationprogram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com