Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F2020 Datasheet(PDF) 72 Page - Holtek Semiconductor Inc

Part # HT45F2020
Description  Sound Effect Generator Flash MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2020 Datasheet(HTML) 72 Page - Holtek Semiconductor Inc

Back Button HT45F2020 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 76Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 85 page
background image
Rev. 1.00
72
April 11, 2017
Rev. 1.00
73
April 11, 2017
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
Mnemonic
Description
Cycles
Flag Affected
Data Move
MOV A,[m]
Move Data Memory to ACC
1
None
MOV [m],A
Move ACC to Data Memory
1Note
None
MOV A,x
Move immediate data to ACC
1
None
Bit Operation
CLR [m].i
Clear bit of Data Memory
1Note
None
SET [m].i
Set bit of Data Memory
1Note
None
Branch Operation
JMP addr
Jump unconditionally
2
None
SZ [m]
Skip if Data Memory is zero
1Note
None
SZA [m]
Skip if Data Memory is zero with data movement to ACC
1Note
None
SZ [m].i
Skip if bit i of Data Memory is zero
1Note
None
SNZ [m].i
Skip if bit i of Data Memory is not zero
1Note
None
SIZ [m]
Skip if increment Data Memory is zero
1Note
None
SDZ [m]
Skip if decrement Data Memory is zero
1Note
None
SIZA [m]
Skip if increment Data Memory is zero with result in ACC
1Note
None
SDZA [m]
Skip if decrement Data Memory is zero with result in ACC
1Note
None
CALL addr
Subroutine call
2
None
RET
Return from subroutine
2
None
RET A,x
Return from subroutine and load immediate data to ACC
2
None
RETI
Return from interrupt
2
None
Table Read Operation
TABRD [m]
Read table (specific page) to TBLH and Data Memory
2Note
None
TABRDC [m]
Read table (current page) to TBLH and Data Memory
2Note
None
TABRDL [m]
Read table (last page) to TBLH and Data Memory
2Note
None
Miscellaneous
NOP
No operation
1
None
CLR [m]
Clear Data Memory
1Note
None
SET [m]
Set Data Memory
1Note
None
CLR WDT
Clear Watchdog Timer
1
TO, PDF
CLR WDT1
Pre-clear Watchdog Timer
1
TO, PDF
CLR WDT2
Pre-clear Watchdog Timer
1
TO, PDF
SWAP [m]
Swap nibbles of Data Memory
1Note
None
SWAPA [m]
Swap nibbles of Data Memory with result in ACC
1
None
HALT
Enter power down mode
1
TO, PDF
Note:1.Forskipinstructions,iftheresultofthecomparisoninvolvesaskipthentwocyclesarerequired,ifno
skiptakesplaceonlyonecycleisrequired.
2.AnyinstructionwhichchangesthecontentsofthePCLwillalsorequire2cyclesforexecution.
3.Forthe“CLRWDT1”and“CLRWDT2”instructionstheTOandPDFflagsmaybeaffectedbythe
executionstatus.TheTOandPDFflagsareclearedafterboth“CLRWDT1”and“CLRWDT2”
instructionsareconsecutivelyexecuted.OtherwisetheTOandPDFflagsremainunchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com