Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F2020 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT45F2020
Description  Sound Effect Generator Flash MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2020 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT45F2020 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 85 page
background image
Rev. 1.00
28
April 11, 2017
Rev. 1.00
29
April 11, 2017
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
HIRCC Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
HIRCF
HIRCEN
R/W
—
—
—
—
—
—
R/W
R/W
POR
—
—
—
—
—
—
0
1
Bit7~2
Unimplemented,readas“0”
Bit1
HIRCF:HIRCoscillatorstableflag
0:Unstable
1:Stable
ThisbitisusedtoindicatewhethertheHIRCoscillatorisstableornot.Whenthe
HIRCENbitissetto1toenabletheHIRCoscillator,theHIRCFbitwillfirstbe
clearedto0andthensetto1aftertheHIRCoscillatorisstable.
Bit0
HIRCEN:HIRCoscillatorenablecontrol
0:Disable
1:Enable
Operating Mode Switching
Thedevicecanswitchbetweenoperatingmodesdynamicallyallowingtheusertoselectthebest
performance/powerratioforthepresenttaskinhand.Inthiswaymicrocontrolleroperationsthat
donotrequirehighperformancecanbeexecutedusingslowerclocksthusrequiringlessoperating
currentandprolongingbatterylifeinportableapplications.
Insimpleterms,ModeSwitchingbetweentheNORMALModeandSLOWModeisexecutedusing
theCKS2~CKS0bitsintheSCCregisterwhileModeSwitchingfromtheNORMAL/SLOWModes
totheSLEEP/IDLEModesisexecutedviatheHALTinstruction.WhenanHALTinstructionis
executed,whetherthedeviceenterstheIDLEModeortheSLEEPModeisdeterminedbythe
conditionoftheFHIDENandFSIDENbitsintheSCCregister.
NORMAL
fSYS=fH~fH/64
fH on
CPU run
fSYS on
fSUB on
SLOW
fSYS=fSUB
fSUB on
CPU run
fSYS on
fH on/off
IDLE0
HALT instruction executed
CPU stop
FHIDEN=0
FSIDEN=1
fH off
fSUB on
IDLE1
HALT instruction executed
CPU stop
FHIDEN=1
FSIDEN=1
fH on
fSUB on
IDLE2
HALT instruction executed
CPU stop
FHIDEN=1
FSIDEN=0
fH on
fSUB off
SLEEP
HALT instruction executed
CPU stop
FHIDEN=0
FSIDEN=0
fH off
fSUB off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com