Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F2020 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT45F2020
Description  Sound Effect Generator Flash MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2020 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT45F2020 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 85 page
background image
Rev. 1.00
22
April 11, 2017
Rev. 1.00
23
April 11, 2017
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
Oscillators
Variousoscillatoroptionsoffertheuserawiderangeoffunctionsaccordingtotheirvarious
applicationrequirements.Theflexiblefeaturesoftheoscillatorfunctionsensurethatthebest
optimisationcanbeachievedintermsofspeedandpowersaving.Oscillatorselectionsandoperation
areselectedthroughtherelevantcontrolregister.
Oscillator Overview
Inadditiontobeingthesourceofthemainsystemclocktheoscillatorsalsoprovideclocksources
fortheWatchdogTimerandTimeBaseInterrupts.Twofullyintegratedinternaloscillators,requiring
noexternalcomponents,areprovidedtoformarangeofbothfastandslowsystemoscillators.The
higherfrequencyoscillatorprovideshigherperformancebutcarrywithitthedisadvantageofhigher
powerrequirements,whiletheoppositeisofcoursetrueforthelowerfrequencyoscillator.With
thecapabilityofdynamicallyswitchingbetweenfastandslowsystemclock,thedevicehasthe
flexibilitytooptimizetheperformance/powerratio,afeatureespeciallyimportantinpowersensitive
portableapplications.
Type
Name
Frequency
Internal High Speed RC
HIRC
8MHz
Internal Low Speed RC
LIRC
32kHz
Oscillator Types
System Clock Configurations
Therearetwomethodsofgeneratingthesystemclock,ahighspeedoscillatorandalowspeed
oscillator.Thehighspeedoscillatoristheinternal8MHzRCoscillator.Thelowspeedoscillatoris
theinternal32kHzRCoscillator.Selectingwhethertheloworhighspeedoscillatorisusedasthe
systemoscillatorisimplementedusingtheCKS2~CKS0bitsintheSCCregisterandasthesystem
clockcanbedynamicallyselected.
HIRCEN
Prescaler
High Speed
Oscillator
Low Speed
Oscillator
fH/2
fH/16
fH/64
fH/8
fH/4
fH/32
CKS2~CKS0
fSYS
fSUB
fSUB
LIRC
fLIRC
fLIRC
HIRC
fH
IDLE0
SLEEP
IDLE2
SLEEP
System Clock Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com