Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F2020 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT45F2020
Description  Sound Effect Generator Flash MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2020 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT45F2020 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 85 page
background image
Rev. 1.00
36
April 11, 2017
Rev. 1.00
37
April 11, 2017
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
Thedifferentkindsofresetsallaffecttheinternalregistersofthemicrocontrollerindifferentways.
Toensurereliablecontinuationofnormalprogramexecutionafteraresetoccurs,itisimportantto
knowwhatconditionthemicrocontrollerisinafteraparticularresetoccurs.Thefollowingtable
describeshoweachtypeofresetaffectseachofthemicrocontrollerinternalregisters.
Register
Reset
(Power On)
WDT Time-out
(Normal Operation)
WDT Time-out
(IDLE/SLEEP)*
Program Counter
000H
000H
000H
MP0
xxxx xxxx
xxxx xxxx
uuuu uuuu
MP1
xxxx xxxx
xxxx xxxx
uuuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
TBLH
--xx xxxx
--uu uuuu
--uu uuuu
STATUS
--00 xxxx
--1u uuuu
--1 1 uuuu
RSTFC
---- ---0
---- ---u
---- ---u
INTC0
--0- -0-0
--0- -0-0
--u- -u-u
INTC1
- - - 0 - - - 0
- - - 0 - - - 0
- - - u - - - u
MFI
--00 --00
--00 --00
--uu --uu
PA
- -- - 1 1 1 1
- -- - 1 1 1 1
---- uuuu
PAC
- -- - 1 1 1 1
- -- - 1 1 1 1
---- uuuu
PAPU
---- 0000
---- 0000
---- uuuu
PAWU
---- 0000
---- 0000
---- uuuu
WDTC
0 10 1 0 011
0 10 1 0 011
uuuu uuuu
PSCR
- - - - - - 00
- - - - - - 00
- - - - - - uu
TBC
0--- -000
0--- -000
u--- -uuu
SCC
000- --00
000- --00
uuu- --uu
HIRCC
- - - - - - 01
- - - - - - 01
- - - - - - uu
PAS0
0000 0000
0000 0000
uuuu uuuu
PTMC0
0000 0---
0000 0---
uuuu u---
PTMC1
0000 0000
0000 0000
uuuu uuuu
PTMDL
0000 0000
0000 0000
uuuu uuuu
PTMDH
- - - - - - 00
- - - - - - 00
- - - - - - uu
PTMAL
0000 0000
0000 0000
uuuu uuuu
PTMAH
- - - - - - 00
- - - - - - 00
- - - - - - uu
PTMRPL
0000 0000
0000 0000
uuuu uuuu
PTMRPH
- - - - - - 00
- - - - - - 00
- - - - - - uu
Note:“u”standsforunchanged
“x”standsforunknown
“-”standsforunimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com