Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F2020 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT45F2020
Description  Sound Effect Generator Flash MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2020 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT45F2020 Datasheet HTML 1Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 2Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 85 page
background image
Rev. 1.00
2
April 11, 2017
Rev. 1.00
3
April 11, 2017
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
High Speed Internal RC Oscillator – HIRC ...............................................................................24
Internal 32kHz Oscillator – LIRC ...............................................................................................24
Supplementary Oscillators ........................................................................................................24
Operating Modes and System Clocks ............................................................ 24
System Clocks ..........................................................................................................................24
System Operation Modes...........................................................................................................25
Control Register .........................................................................................................................27
Operating Mode Switching ........................................................................................................28
Standby Current Considerations ...............................................................................................32
Wake-up.....................................................................................................................................32
Watchdog Timer................................................................................................. 33
Watchdog Timer Clock Source...................................................................................................33
Watchdog Timer Control Register ..............................................................................................33
Watchdog Timer Operation ........................................................................................................34
Reset and Initialisation...................................................................................... 35
Reset Functions .........................................................................................................................35
Reset Initial Conditions .............................................................................................................36
Input/Output Ports ............................................................................................ 38
Pull-high Resistors .....................................................................................................................38
Port A Wake-up ..........................................................................................................................39
I/O Port Control Registers..........................................................................................................39
Pin-shared Functions .................................................................................................................40
I/O Pin Structures.......................................................................................................................41
Programming Considerations ....................................................................................................41
Timer Modules – TM .......................................................................................... 42
Introduction ................................................................................................................................42
TM Operation .............................................................................................................................42
TM Clock Source........................................................................................................................42
TM Interrupts..............................................................................................................................42
TM External Pins .......................................................................................................................43
TM Input/Output Pin Selection ...................................................................................................43
Programming Considerations.....................................................................................................44
Periodic Type TM – PTM.................................................................................... 45
Periodic TM Operation ...............................................................................................................45
Periodic Type TM Register Description......................................................................................46
Periodic Type TM Operation Modes...........................................................................................50
Shunt Regulator – for HT45F2020 only............................................................ 59
Sound Effect Generator .................................................................................... 60
Interrupts............................................................................................................ 60
Interrupt Registers......................................................................................................................60
Interrupt Operation.....................................................................................................................62
Multi-function Interrupt ...............................................................................................................63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com