Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F2020 Datasheet(PDF) 61 Page - Holtek Semiconductor Inc

Part # HT45F2020
Description  Sound Effect Generator Flash MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2020 Datasheet(HTML) 61 Page - Holtek Semiconductor Inc

Back Button HT45F2020 Datasheet HTML 57Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 65Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 85 page
background image
Rev. 1.00
60
April 11, 2017
Rev. 1.00
61
April 11, 2017
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
INTC0 Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
TBF
—
—
TBE
—
EMI
R/W
—
—
R/W
—
—
R/W
—
R/W
POR
—
—
0
—
—
0
—
0
Bit7~6
Unimplemented,readas“0”
Bit5
TBF:TimeBaseinterruptrequestflag
0:Norequest
1:Interruptrequest
Bit4~3
Unimplemented,readas“0”
Bit2
TBE:TimeBaseinterruptcontrol
0:Disable
1:Enable
Bit1
Unimplemented,readas“0”
Bit0
EMI:Globalinterruptcontrol
0:Disable
1:Enable
INTC1 Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
MFF
—
—
—
MFE
R/W
—
—
—
R/W
—
—
—
R/W
POR
—
—
—
0
—
—
—
0
Bit7~5
Unimplemented,readas“0”
Bit4
MFF:Multi-functioninterruptrequestflag
0:Norequest
1:Interruptrequest
Bit3~1
Unimplemented,readas“0”
Bit0
MFE:Multi-functioninterruptcontrol
0:Disable
1:Enable
MFI Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
PTMAF
PTMPF
—
—
PTMAE
PTMPE
R/W
—
—
R/W
R/W
—
—
R/W
R/W
POR
—
—
0
0
—
—
0
0
Bit7~6
Unimplemented,readas“0”
Bit5
PTMAF:PTMComparatorAmatchinterruptrequestflag
0:Norequest
1:Interruptrequest
Bit4
PTMPF:PTMComparatorPmatchinterruptrequestflag
0:Norequest
1:Interruptrequest
Bit3~2
Unimplemented,readas“0”
Bit1
PTMAE:PTMComparatorAmatchinterruptcontrol
0:Disable
1:Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com