Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5480 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS5480
Description  Three Channel Energy Measurement IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5480 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS5480 Datasheet HTML 42Page - Cirrus Logic CS5480 Datasheet HTML 43Page - Cirrus Logic CS5480 Datasheet HTML 44Page - Cirrus Logic CS5480 Datasheet HTML 45Page - Cirrus Logic CS5480 Datasheet HTML 46Page - Cirrus Logic CS5480 Datasheet HTML 47Page - Cirrus Logic CS5480 Datasheet HTML 48Page - Cirrus Logic CS5480 Datasheet HTML 49Page - Cirrus Logic CS5480 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
CS5480
46
DS980F3
6.6.13 Interrupt Status (Status0) – Page 0, Address 23
Default = 0x80 0000
The Status0 register indicates a variety of conditions within the chip.
Writing a one to a Status0 register bit will clear that bit. Writing a ‘0’ to any bit has no effect.
DRDY
Data Ready.
During conversion, this bit indicates that low-rate results have been updated.
It indicates completion of other host instruction and the reset sequence.
CRDY
Conversion Ready.
Indicates that sample rate (output word rate) results have been updated.
WOF
Watchdog timer overflow.
[20:19]
Reserved.
MIPS
MIPS overflow.
Sets when the calculation engine has not completed processing a sample before the
next one arrives.
V2SWELL (V1SWELL) V2 (V1) swell event detected.
P2OR (P1OR)
Power out of range.
Sets when the measured power would cause the P2 (P1) register to overflow.
I2OR (I1OR)
Power out of range.
Sets when the measured current would cause the I2 (I1) register to overflow.
V2OR (V1OR)
Voltage out of range.
Sets when the measured current would cause the V2 (V1) register to overflow.
I2OC (I1OC)
I2 (I1) overcurrent.
V2SAG (V1SAG)
V2 (V1) sag event detected.
TUP
Temperature updated.
Indicates when the Temperature register (T) has been updated.
FUP
Frequency updated.
Indicates the Epsilon register has been updated.
IC
Invalid command has been received.
RX_CSUM_ERR
Received data checksum error.
Sets to ‘1’ automatically if checksum error is detected on serial port received data.
[1]
Reserved.
RX_TO
SDI/RX time out.
Sets to ‘1’ automatically when SDI/RX time out occurs.
23
22
21
20
19
18
17
16
DRDY
CRDY
WOF
-
-
MIPS
V2SWELL
V1SWELL
15
14
13
12
11
10
9
8
P2OR
P1OR
I2OR
I1OR
V2OR
V1OR
I2OC
I1OC
7
654
3
2
1
0
V2SAG
V1SAG
TUP
FUP
IC
RX_CSUM_ERR
-
RX_TO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com