Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5480 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS5480
Description  Three Channel Energy Measurement IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5480 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS5480 Datasheet HTML 24Page - Cirrus Logic CS5480 Datasheet HTML 25Page - Cirrus Logic CS5480 Datasheet HTML 26Page - Cirrus Logic CS5480 Datasheet HTML 27Page - Cirrus Logic CS5480 Datasheet HTML 28Page - Cirrus Logic CS5480 Datasheet HTML 29Page - Cirrus Logic CS5480 Datasheet HTML 30Page - Cirrus Logic CS5480 Datasheet HTML 31Page - Cirrus Logic CS5480 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
CS5480
28
DS980F3
The application program can change both the scale and
range of temperature by changing the Temperature
Gain (TGAIN) and Temperature Offset (TOFF) registers.
T updates every 2240 output word rate (OWR) samples.
The Status0 register bit TUP indicates when T is updat-
ed.
5.11 Anti-Creep
The anti-creep (no-load threshold) is used to determine
if a no-load condition is detected. The |PSUM| and
|QSUM| are compared to the value in the No-Load
Threshold register (LoadMIN). If both |PSUM| and |QSUM|
are less than this threshold, then PSUM and QSUM are
forced to zero. If SSUM is less than the value in LoadMIN
register, then SSUM is forced to zero.
5.12 Register Protection
To prevent the critical configuration and calibration
registers from unintended changes, the CS5480
provides
two
enhanced
register
protection
mechanisms: write protection and automatic checksum
calculation.
5.12.1 Write Protection
Setting the DSP_LCK[4:0] bits in the RegLock register
to 0x16 enables the CS5480 DSP lockable registers to
be write-protected from the calculation engine. Setting
the
DSP_LCK[4:0]
bits
to
0x09
disables
the
write-protection mode.
Setting the HOST_LCK[4:0] bits in the RegLock register
to 0x16 enables the CS5480 HOST lockable registers to
be write-protected from the serial interface. Setting the
HOST_LCK[4:0]
bits
to
0x09
disables
the
write-protection mode.
For registers that are DSP lockable, HOST lockable, or
both, refer to sections 6.2 Hardware Registers
Summary (Page 0) on page 31, 6.3 Software Registers
Summary (Page 16) on page 33, and 6.4 Software
Registers Summary (Page 17) on page 35.
5.12.2 Register Checksum
All the configuration and calibration registers are
protected by checksum, if enabled. Refer to 6.2
Hardware Registers Summary (Page 0) on page 31, 6.3
Software Registers Summary (Page 16) on page 33,
and 6.4 Software Registers Summary (Page 17) on
page 35. The checksum for all registers marked with an
asterisk symbol (
*) is calculated once every low-rate
cycle. The checksum result is stored in the RegChk
register. After the CS5480 has been fully configured and
loaded with the calibrations, the host microcontroller
should keep a copy of the checksum (RegChk_Copy) in
its
memory.
In
normal
operation,
the
host
microcontroller can read the RegChk register and
compare it with the saved copy of the RegChk register.
If the two values mismatch, a reload of configurations
and calibrations into the CS5480 is necessary.
The automatic checksum computation can be disabled
by setting the REG_CSUM_OFF bit in the Config2
register.
-2
0
2
Phase A Channel
-2
0
2
Phase B Channel
-2
0
2
Phase C Channel
Stop
Stop
Stop
Phase C Count
Phase B Count
Phase A Count
A
B
C
Write 0x16 to
PSDC Register
Start on the Falling
Edge on the RX Pin
Figure 19. Phase Sequence C, B, A for Rising Edge Transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com